Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL71840SEHF/PROTO Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL71840SEHF/PROTO
Description  Radiation Hardened 30V 16-Channel Analog Multiplexer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71840SEHF/PROTO Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL71840SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ISL71840SEH
FN8734 Rev.5.01
Page 3 of 27
Oct 24, 2022
Ordering Information
Pin Configuration
ORDERING/SMD
NUMBER (Note 2)
PART NUMBER
(Note 1)
RADIATION HARDNESS
(Total Ionizing Dose)
PACKAGE DESCRIPTION
(RoHS COMPLIANT)
PKG.
DWG. #
TEMP RANGE
5962R1521901VXC
ISL71840SEHVF
HDR to 100krad(Si),
LDR to 100krad(Si)
28 LD CDFP
K28.A
-55 to +125°C
5962R1521901V9A
ISL71840SEHVX (Note 3)Die
N/A
N/A
ISL71840SEHF/PROTO (Note 4)
N/A
28 LD CDFP
K28.A
N/A
ISL71840SEHX/SAMPLE (Notes 3,
4)
Die
N/A
N/A
ISL71840SEHEV1Z (Note 5)
Evaluation Board
NOTES:
1. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
2. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed must be
used when ordering.
3. Die product tested at TA = + 25°C. The wafer probe test includes functional and parametric testing sufficient to make the die capable of meeting the
electrical performance outlined in “Electrical Specifications (±15V)” on page 5 and “Electrical Specifications (±12V)” on page 8.
4. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across temperature specified in the DLA SMD and
are in the same form and fit as the qualified device. The /SAMPLE parts are capable of meeting the electrical limits and conditions specified in the
DLA SMD. The /SAMPLE parts do not receive 100% screening across temperature to the DLA SMD electrical limits. These part types do not come
with a Certificate of Conformance because they are not DLA qualified devices.
5. Evaluation board uses the /PROTO parts. The /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity.
TABLE 1. TABLE OF DIFFERENCES
SPECIFICATION
ISL71840SEH
ISL71841SEH
Number of Channels
16
32
Supply Current (I+/I-)
350µA (maximum)
400µA (maximum)
Output Leakage (+125°C)
60nA (maximum)
120nA (maximum)
(28 LD CDFP)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V+
NC
NC
IN16
IN15
IN14
IN13
IN12
IN11
IN10
IN09
GND
VREF
A3
VOUT
V-
IN08
IN07
IN06
IN05
IN04
IN03
IN02
IN01
EN
A0
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com