Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN028-100HS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PSMN028-100HS
Description  N-channel 100 V, 27.5 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN028-100HS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PSMN028-100HS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN028-100HS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN028-100HS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN028-100HS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN028-100HS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN028-100HS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN028-100HS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN028-100HS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN028-100HS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
PSMN028-100HS
N-channel 100 V, 27.5 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Source-drain diode FET1 and FET2
Qr
recovered charge
IS = 5 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 50 V; Tj = 25 °C
-
52.8
-
nC
[1] Refer to application note AN10273 for further information
[2] Single-pulse avalanche rating limited by maximum junction temperature of 175 °C
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
S1
source1
2
G1
gate1
3
S2
source2
4
G2
gate2
5
D2
drain2
6
D2
drain2
7
D1
drain1
8
D1
drain1
3
2
1
4
6
7
8
5
LFPAK56D; Dual
LFPAK (SOT1205)
D1
mbk725
G1
S1
D1
D2
G2
S2
D2
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PSMN028-100HS
LFPAK56D;
Dual LFPAK
plastic, single ended surface mounted package
(LFPAK56D); 8 leads
SOT1205
7. Marking
Table 4. Marking codes
Type number
Marking code
PSMN028-100HS
28RS10H
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25 °C ≤ Tj ≤ 175 °C
-
100
V
VDGR
drain-gate voltage
RGS = 20 kΩ
-
100
V
VGS
gate-source voltage
DC; Tj ≤ 175 °C
-20
20
V
Ptot
total power dissipation
Tmb = 25 °C; Fig. 1
-
64
W
VGS = 10 V; Tmb = 25 °C; Fig. 2
-
29
A
ID
drain current
VGS = 10 V; Tmb = 100 °C; Fig. 2
-
20.4
A
PSMN028-100HS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
26 September 2022
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com