Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D2V5H1BS2LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D2V5H1BS2LP
Description  1 CHANNEL BIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D2V5H1BS2LP Datasheet(HTML) 3 Page - Diodes Incorporated

  D2V5H1BS2LP Datasheet HTML 1Page - Diodes Incorporated D2V5H1BS2LP Datasheet HTML 2Page - Diodes Incorporated D2V5H1BS2LP Datasheet HTML 3Page - Diodes Incorporated D2V5H1BS2LP Datasheet HTML 4Page - Diodes Incorporated D2V5H1BS2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D2V5H1BS2LP
Document number: DS42870 Rev. 1 - 2
3 of 5
www.diodes.com
August 2020
© Diodes Incorporated
D2V5H1BS2LP
0
125
175
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Figure 1 Power Derating Curve
A
°
25
100
50
75
150
25
75
125
250
175
Note 5
200
225
0
50
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (
癈 )
Figure 2 Pulse Derating Curve
A
0
100
25
75
175 200
0
t, TIME ( s)
Figure 3 Typical 8 x 20
祍 Pulse Waveform
20
40
60
100
50
0
(oC)
Figure 3 Typical 8 × 20µs Pulse Waveform
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
70
80
90 100
CURRENT (A)
Figure 6 Clamping Voltage Characteristic (t
P = 8/20μs)
Pin 1 to Pin 2
Pin 2 to Pin 1
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
-2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5
V
R, REVERSE VOLTAGE (V)
Figure 4 Typical Pin1 to Pin2 Capacitance
f = 1MHz
0
4
8
12
16
20
24
28
32
0
1
2
3
4
5
6
TLP VOLTAGE (V)
Figure 5 TLP Curve (t
P = 100ns)
Pin 2 to Pin 1
Pin 1 to Pin 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com