Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D2V5L1BS2LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D2V5L1BS2LP
Description  1 CHANNEL BIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D2V5L1BS2LP Datasheet(HTML) 3 Page - Diodes Incorporated

  D2V5L1BS2LP Datasheet HTML 1Page - Diodes Incorporated D2V5L1BS2LP Datasheet HTML 2Page - Diodes Incorporated D2V5L1BS2LP Datasheet HTML 3Page - Diodes Incorporated D2V5L1BS2LP Datasheet HTML 4Page - Diodes Incorporated D2V5L1BS2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D2V5L1BS2LP
Document number: DS42838 Rev. 2 - 2
3 of 5
www.diodes.com
March 2021
© Diodes Incorporated
D2V5L1BS2LP
0
4
8
12
16
20
24
28
32
0
1
2
3
4
5
6
7
8
TLP VOLTAGE (V)
Figure 5 TLP Curve (t
P=100ns)
0
125
175
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Figure 1 Power Derating Curve
A
°
25
100
50
75
150
25
75
125
250
175
Note 5
200
225
0
50
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (
癈 )
Figure 2 Pulse Derating Curve
A
0
100
25
75
175 200
0
t, TIME ( s)
Figure 3 Typical 8 x 20
祍 Pulse Waveform
20
40
60
100
50
0
0
4
8
12
16
20
24
28
32
36
40
-2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5
V
R, REVERSE VOLTAGE (V)
Figure 4 Typical Capacitance
f=1MHz
(oC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
2
4
6
8
10
12
14
16
18 20 22
CURRENT (A)
Figure 6 Clamping Voltage Characteristic (t
P=8/20μs)
Pin1 to Pin2
Pin2 to Pin1
Figure 3 Typical 8 × 20µs Pulse Waveform
Pin2 to Pin1
Pin1 to Pin2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com