Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D3V3HN1B2LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D3V3HN1B2LP
Description  1 CHANNEL BIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3V3HN1B2LP Datasheet(HTML) 1 Page - Diodes Incorporated

  D3V3HN1B2LP Datasheet HTML 1Page - Diodes Incorporated D3V3HN1B2LP Datasheet HTML 2Page - Diodes Incorporated D3V3HN1B2LP Datasheet HTML 3Page - Diodes Incorporated D3V3HN1B2LP Datasheet HTML 4Page - Diodes Incorporated D3V3HN1B2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D3V3HN1B2LP
Document number: DS42001 Rev. 1 - 1
1 of 5
www.diodes.com
December 2019
© Diodes Incorporated
D3V3HN1B2LP
1 CHANNEL BIDIRECTIONAL TVS
Product Summary
VBR (Min)
IPP (Max)
CT (Typ)
3.8V
70A
140pF
Description
This new generation TVS is designed to protect sensitive electronics
from the damage due to ESD and surge. The combination of small
size and high ESD surge capability makes it ideal for use in portable
applications such as cellular phones, digital cameras, and MP3
players.
Applications
Cellular Handsets
Portable Electronics
Computers and Peripheral
Features
Low Profile Package (0.50mm Typical) and Ultra-Small PCB
Footprint Area (1.3mm × 0.55mm Max) Suitable for Compact
Portable Electronics
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
Provides Surge and Lightning Protection per IEC 61000-4-5
Standard: IPP Max 70A
One Channel of ESD and Surge Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: U-DFN1006-2
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: NiPdAu over Copper Leadframe. Solderable per MIL-
STD-202, Method 208
Weight: 0.001 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity
D3V3HN1B2LP-7B
Standard
B3
7
8
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
e4
Device Schematic
Bottom View
U-DFN1006-2 (Type B)
B3 = Product Type Marking Code
Bar Denotes Pin 1
B3
Pin1
Pin2


Similar Part No. - D3V3HN1B2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3H1B2LP DIODES-D3V3H1B2LP Datasheet
309Kb / 5P
HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D3V3H1B2LP-7B DIODES-D3V3H1B2LP-7B Datasheet
309Kb / 5P
HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
logo
TECH PUBLIC Electronics...
D3V3H1B2LP-TP TECHPUBLIC-D3V3H1B2LP-TP Datasheet
760Kb / 4P
1-Line Bi-directional TVS diode
logo
Diodes Incorporated
D3V3H1B2LPQ DIODES-D3V3H1B2LPQ Datasheet
334Kb / 4P
HIGH SURGE BIDIRECTIONAL TVS DIODE
June 2020 Rev. 1 - 2
D3V3H1U2LP DIODES-D3V3H1U2LP Datasheet
311Kb / 4P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 1
More results

Similar Description - D3V3HN1B2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3L1B2WS DIODES-D3V3L1B2WS Datasheet
363Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
Rev. 1 - 2 September 2022
D1V8L1BS2LP3 DIODES-D1V8L1BS2LP3 Datasheet
425Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
July 2022 Rev. 2 - 2
D2V5H1BS2LP DIODES-D2V5H1BS2LP Datasheet
351Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
August 2020 Rev. 1 - 2
D2V5H1BS2LP4 DIODES-D2V5H1BS2LP4 Datasheet
378Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
August 2020 Rev. 1 - 2
D2V5L1BS2LP DIODES-D2V5L1BS2LP Datasheet
351Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
March 2021 Rev. 2 - 2
D2V5L1BS2LP3 DIODES-D2V5L1BS2LP3 Datasheet
385Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
March 2021 Rev. 3 - 2
D3V3L1B2T DIODES-D3V3L1B2T Datasheet
361Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
July 2022 Rev. 1 - 2
D4V5H1BS2LP DIODES-D4V5H1BS2LP Datasheet
352Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
October 2020 Rev. 1 - 2
D36V0L1B2LP DIODES-D36V0L1B2LP Datasheet
443Kb / 5P
1 CHANNEL BIDIRECTIONAL TVS
September 2021 Rev. 1 - 2
DESDALC5ALP DIODES-DESDALC5ALP Datasheet
508Kb / 6P
1 CHANNEL BIDIRECTIONAL TVS DIODE
June 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com