Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72026BSEHF/PROTO Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL72026BSEHF/PROTO
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026BSEHF/PROTO Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL72026BSEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL72026BSEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL72026BSEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL72026BSEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL72026BSEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL72026BSEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL72026BSEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL72026BSEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL72026BSEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL72026BSEH
FN8900 Rev.1.00
Page 2 of 20
Jan 10, 2020
Ordering Information
ORDERING SMD
NUMBER (Note 1)
PART NUMBER
(Note 2)
TEMPERATURE RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
PACKAGE
DRAWING #
5962R1522804VXC
ISL72026BSEHVF
-55 to +125
8 Ld Ceramic Flatpack
K8.A
N/A
ISL72026BSEHF/PROTO (Note 4)
-55 to +125
8 Ld Ceramic Flatpack
K8.A
5962R1522804V9A
ISL72026BSEHVX (Note 3)
-55 to +125
Die
N/A
ISL72026BSEHX/SAMPLE
(Notes 3, 4)
-55 to +125
Die
N/A
ISL72026BSEHEVAL1Z (Note 5)
Evaluation Board
NOTES:
1. Specifications for radiation tolerant QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers must
be used when ordering.
2. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
3. Die product tested at TA = + 25°C. The wafer probe test includes functional and parametric testing sufficient to make the die capable of meeting
the electrical performance outlined in “Electrical Specifications” on page 5.
4. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across temperature specified in the DLA SMD and
are in the same form and fit as the qualified device. The /SAMPLE parts are capable of meeting the electrical limits and conditions specified in the
DLA SMD. The /SAMPLE parts do not receive 100% screening across temperature to the DLA SMD electrical limits. These part types do not come
with a Certificate of Conformance because they are not DLA qualified devices.
5. Evaluation board uses the /PROTO parts and /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE)
immunity.
TABLE 1. ISL7202xBSEH PRODUCT FAMILY FEATURE TABLE
SPECIFICATION
ISL72026BSEH
ISL72027BSEH
ISL72028BSEH
Loopback Feature
Yes
No
No
VREF Output
No
Yes
Yes
Listen Mode
Yes
Yes
No
Shutdown Mode
No
No
Yes
VTHRLM
1150mV (Maximum)
1150mV (Maximum)
N/A
VTHFLM
525mV (Minimum)
525mV (Minimum)
N/A
VHYSLM
50mV (Minimum)
50mV (Minimum)
N/A
Supply Current, Listen Mode
2mA (Maximum)
2mA (Maximum)
N/A
Supply Current, Shutdown Mode
N/A
N/A
50µA (Maximum)
VREF Leakage Current
N/A
±25µA (Maximum)
±25µA (Maximum)
N/A: Not Applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com