Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72028BSEHF/PROTO Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL72028BSEHF/PROTO
Description  3.3V Radiation Tolerant CAN Transceiver, with Low-Power Shutdown, Split Termination Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028BSEHF/PROTO Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL72028BSEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL72028BSEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL72028BSEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL72028BSEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL72028BSEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL72028BSEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL72028BSEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL72028BSEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL72028BSEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL72028BSEH
FN8902 Rev 0.00
Page 2 of 20
November 30, 2016
Ordering Information
ORDERING SMD
NUMBER (Note 1)
PART NUMBER
(Note 2)
TEMPERATURE RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
PKG DWG #
5962R1522806VXC
ISL72028BSEHVF
-55 to +125
8 Ld Ceramic Flatpack
K8.A
N/A
ISL72028BSEHF/PROTO, Note 3
-55 to +125
8 Ld Ceramic Flatpack
K8.A
5962R1522806V9A
ISL72028BSEHVX
-55 to +125
Die
N/A
ISL72028BSEHX/SAMPLE, Note 3
-55 to +125
Die
N/A
ISL72028BSEHEVAL1Z
Evaluation Board
NOTES:
1. Specifications for radiation tolerant QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed
must be used when ordering.
2. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
3. The /PROTO and /SAMPLE (Die) have no traceability and are intended for engineering evaluation purposes only. The /PROTO part meets the electrical
limits and conditions across temperature (-55°C to +125°C) specified in the datasheet or DLA SMD and is in the same form and fit as the flight
devices (Class V parts). The SAMPLE die is capable of meeting the electrical limits and conditions specified in the data sheet or DLA SMD. The
/SAMPLE is a die and as such, does not receive 100% screening over temperature to the datasheet or DLA SMD requirements so, some level of
fallout should be expected. These part types do not come with a Certificate of Conformance because there is no Radiation Assurance testing or items
such as TCI/QCI, Burn-in, X-ray, SEM, etc.
TABLE 1. ISL7202xBSEH PRODUCT FAMILY FEATURES TABLE
SPECIFICATION
ISL72026BSEH
ISL72027BSEH
ISL72028BSEH
Loopback Feature
Yes
No
No
VREF Output
No
Yes
Yes
Listen Mode
Yes
Yes
No
Shutdown Mode
No
No
Yes
VTHRLM
1150mV (Maximum)
1150mV (Maximum)
N/A
VTHFLM
525mV (Minimum)
525mV (Minimum)
N/A
VHYSLM
50mV (Minimum)
50mV (Minimum)
N/A
Supply Current, Listen Mode
2mA (Maximum)
2mA (Maximum)
N/A
Supply Current, Shutdown Mode
N/A
N/A
50µA (Maximum)
VREF Leakage Current
N/A
±25µA (Maximum)
±25µA (Maximum)
N/A: Not Applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com