Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL73840SEHF/PROTO Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL73840SEHF/PROTO
Description  Radiation Tolerant 30V 16-Channel Analog Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73840SEHF/PROTO Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL73840SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ISL73840SEH
FN8845 Rev.3.00
Page 4 of 24
Feb 23, 2018
FIGURE 3. ESD Circuits
Pin Configuration
ISL73840SEH
(28 LD CDFP)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V+
NC
NC
IN16
IN15
IN14
IN13
IN12
IN11
IN10
IN09
GND
VREF
A3
VOUT
V-
IN08
IN07
IN06
IN05
IN04
IN03
IN02
IN01
EN
A0
A1
A2
Pin Descriptions
PIN NAME
PIN NUMBER
DESCRIPTION
VOUT
28
Output for multiplexer (see Circuit 1 in Figure 3)
V+
1
Positive power supply (see Circuit 3 in Figure 3)
V-
27
Negative power supply (see Circuit 4 in Figure 3)
NC
2, 3
Not electrically connected
INx
4, 5, 6, 7, 8, 9, 10, 11, 19, 20, 21,
22, 23, 24, 25, 26
Input for multiplexer (see Circuit 2 in Figure 3)
Ax
14, 15, 16, 17
Address lines for multiplexer (see Circuit 3 in Figure 3)
EN
18
Enable control for multiplexer (active low, see Circuit 3 in Figure 3)
VREF
13
Reference voltage used to set logic thresholds (see Circuit 3 in Figure 3)
GND
12
Ground
LID
-
Package Lid is internally connected to GND (Pin 12)
±20V
PIN
20V
±40V
20V
20V
V+
V-
GND
GND
GND
GND
PIN
PIN
PIN
Circuit 1
Circuit 2
Circuit 3
Circuit 4
20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com