Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL73847SEHX/SAMPLE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL73847SEHX/SAMPLE
Description  Radiation Hardened Single/Dual Phase Current Mode PWM Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHX/SAMPLE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL73847SEHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL73847SEHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL73847SEHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL73847SEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL73847SEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL73847SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp ISL73847SEHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp ISL73847SEHX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp ISL73847SEHX/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
R34DS0022EU0102 Rev.1.02
Page 8
Feb 15, 2023
ISL73847SEH Datasheet
3.
Specifications
3.1
Absolute Maximum Ratings
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
3.2
ESD Ratings
3.3
Thermal Information
Parameter
Minimum
Maximum
Unit
VDD, ISENSx, EN, PG
GND - 0.3
GND + 20
V
VDD, EN, PG[1]
1. Tested under a heavy ion environment at LET = 86MeV•cm2/mg at 125°C (TC) for Single Event Burnout (SEB). See the SEE Test Report
for more details.
GND - 0.3
GND + 20
V
ISENSx[1]
GND - 0.3
GND + 10
V
VCC
GND - 0.3
6.5
V
VCC[1]
GND - 0.3
5.3
V
VREF, DROOP, VFBx, FS, COMP, SLOPE, FLT, IMON
GND - 0.3
VCC + 0.3
V
PWMx, SYNC-I, SYNC-O
GND - 0.3
VCC + 0.3
V
Differential Voltage Across Current Sense Inputs
V(ISENx+) - V(ISENx-)[2]
2. Maximum current through anti-parallel diodes show be ≤10mA.
- 0.3
+ 0.3
V
ESD Model/Test
Rating
Unit
Human Body Model (Tested per MIL-STD-883 TM3015.7)
2
kV
Charged Device Model (Tested per JS-002-2018)
750
V
Latch-Up (Tested per JESD78E; Class 2, Level A)
±100
mA
Package Description
Thermal Resistance (Typical)
θJA(°C/W)[1]
1. θJA is measured with the component mounted on a high-effective thermal conductivity test board (two buried 1 oz copper planes) using
direct attach features with package base mounted to PCB thermal land (with thermal vias below) with Epoxy (10 mils thick with a k of
1W/m-K). See TB379.
θJC(°C/W)[2]
2. For θJC, the case temperature location is the center of the package underside.
24 Lead CDFP Package
23
1.7
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature
-
+150
°C
Storage Temperature Range
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com