Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL80083 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL80083
Description  2.5MHz Integrated Power Management IC with I2C Compatible Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL80083 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL80083 Datasheet HTML 13Page - Renesas Technology Corp ISL80083 Datasheet HTML 14Page - Renesas Technology Corp ISL80083 Datasheet HTML 15Page - Renesas Technology Corp ISL80083 Datasheet HTML 16Page - Renesas Technology Corp ISL80083 Datasheet HTML 17Page - Renesas Technology Corp ISL80083 Datasheet HTML 18Page - Renesas Technology Corp ISL80083 Datasheet HTML 19Page - Renesas Technology Corp ISL80083 Datasheet HTML 20Page - Renesas Technology Corp ISL80083 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
ISL80083
FN7886 Rev 1.00
Page 21 of 21
May 15, 2013
Package Outline Drawing
W5x5.25B
5X5 ARRAY 25 BALL WITH 0.40 PITCH WAFER LEVEL CHIP SCALE PACKAGE (WLCSP)
Rev 2, 12/11
BOTTOM VIEW
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
NSMD refers to Non-Solder Mask Defined pad design per
Dimension and tolerance per ASMEY 14.5M-1994,
3.
2.
All dimensions are in millimeters.
1.
NOTES:
and JESD 95-1 SPP-010.
Intersil Tech Brief TB451 located at:
NSMD
PACKAGE
0.10
(4X)
X
Y
Z
0.05 Z
SEATING PLANE
3
PIN 1 (A1 CORNER)
0.25±0.03
0.19±0.03
0.55 MAX
0.305±0.025
2.11±0.03
2.13±0.03
1.60
1.60
0.40
A
B
5
4
3
C
D
12
E
0.40
25x 0.225±0.03
0.25
0.225
0.40
0.10
Z X Y
0.05
Z
OUTLINE
http://www.intersil.com/data/tb/tb451.pdf.
0.265
0.254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com