Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D3V3S1B2LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D3V3S1B2LP
Description  HIGH SURGE BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3V3S1B2LP Datasheet(HTML) 1 Page - Diodes Incorporated

  D3V3S1B2LP Datasheet HTML 1Page - Diodes Incorporated D3V3S1B2LP Datasheet HTML 2Page - Diodes Incorporated D3V3S1B2LP Datasheet HTML 3Page - Diodes Incorporated D3V3S1B2LP Datasheet HTML 4Page - Diodes Incorporated D3V3S1B2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D3V3S1B2LP
Document number: DS41600 Rev. 1 - 2
1 of 5
www.diodes.com
May 2019
© Diodes Incorporated
D3V3S1B2LP
HIGH SURGE BIDIRECTIONAL TVS DIODE
Product Summary
VBR (Min)
IPP (Max)
CT (Typ)
3.8V
50A
118pF
Description And Applications
This new generation TVS is designed to protect sensitive electronics
from the damage due to ESD. The combination of small size and high
ESD surge capability makes it ideal for use in portable applications
such as cellular phones, digital cameras, and MP3 players.
Cellular Handsets
Portable Electronics
Computers and Peripheral
Features And Benefits
Low Profile Package (0.53mm Max) and Ultra-Small PCB Footprint
Area (1.08mm x 0.68mm Max) Suitable for Compact Portable
Electronics
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
One Channel of ESD Protection
Low Channel Input Capacitance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: X1-DFN1006-2
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Finish: NiPdAu Plated over Copper Leadframe
Solderable per MIL-STD-202, Method 208
Weight: 0.001 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
D3V3S1B2LP-7B
Standard
S1
7
8
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Device Schematic
Bottom View
X1-DFN1006-2
S1 = Product Type Marking Code
Bar Denotes Pin 1
S1
e4
Pin 1
Pin 2


Similar Part No. - D3V3S1B2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3S1U2LP1610 DIODES-D3V3S1U2LP1610 Datasheet
278Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
December 2018 Rev. 2 - 2
D3V3S1U2LP1610-7 DIODES-D3V3S1U2LP1610-7 Datasheet
278Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
December 2018 Rev. 2 - 2
D3V3S1U2LP1610Q DIODES-D3V3S1U2LP1610Q Datasheet
404Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
August 2022 Rev. 2 - 2
D3V3S1U2LP1610Q-7 DIODES-D3V3S1U2LP1610Q-7 Datasheet
404Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
August 2022 Rev. 2 - 2
More results

Similar Description - D3V3S1B2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3L2B3LP10 DIODES-D3V3L2B3LP10 Datasheet
493Kb / 6P
2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D5V0M2B3LP10 DIODES-D5V0M2B3LP10 Datasheet
133Kb / 4P
2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D5V0M5B6LP16 DIODES-D5V0M5B6LP16 Datasheet
292Kb / 5P
5 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D5V0H1B2LP DIODES-D5V0H1B2LP Datasheet
338Kb / 5P
HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D3V3H1B2LP DIODES-D3V3H1B2LP Datasheet
309Kb / 5P
HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D5V0M2B3LP DIODES-D5V0M2B3LP Datasheet
281Kb / 4P
2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 2
logo
Alpha & Omega Semicondu...
AOZ8S502BDS-03 AOSMD-AOZ8S502BDS-03 Datasheet
295Kb / 5P
1-Channel Bidirectional High-Surge TVS
Rev. 1.0 August 2020
AOZ8S530BLS-05 AOSMD-AOZ8S530BLS-05 Datasheet
425Kb / 5P
1-Channel Bidirectional High Surge TVS
Rev. 1.1 March 2022
logo
Diodes Incorporated
D3V3H1B2LPQ DIODES-D3V3H1B2LPQ Datasheet
334Kb / 4P
HIGH SURGE BIDIRECTIONAL TVS DIODE
June 2020 Rev. 1 - 2
D5V0H1B2LPQ DIODES-D5V0H1B2LPQ Datasheet
420Kb / 5P
HIGH SURGE BIDIRECTIONAL TVS DIODE
December 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com