Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC307B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BC307B
Description  PNP general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC307B Datasheet(HTML) 5 Page - NXP Semiconductors

  BC307B Datasheet HTML 1Page - NXP Semiconductors BC307B Datasheet HTML 2Page - NXP Semiconductors BC307B Datasheet HTML 3Page - NXP Semiconductors BC307B Datasheet HTML 4Page - NXP Semiconductors BC307B Datasheet HTML 5Page - NXP Semiconductors BC307B Datasheet HTML 6Page - NXP Semiconductors BC307B Datasheet HTML 7Page - NXP Semiconductors BC307B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 Mar 07
5
Philips Semiconductors
Product specification
PNP general purpose transistors
BC307; BC307B
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43
97-02-28
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3



Html Pages

1 2 3 4 5 6 7 8