Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSA4486UCX Datasheet(PDF) 21 Page - ON Semiconductor

Part # FSA4486UCX
Description  USB Type-C Analog Audio Switch with Protection Function
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA4486UCX Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FSA4486UCX Datasheet HTML 17Page - ON Semiconductor FSA4486UCX Datasheet HTML 18Page - ON Semiconductor FSA4486UCX Datasheet HTML 19Page - ON Semiconductor FSA4486UCX Datasheet HTML 20Page - ON Semiconductor FSA4486UCX Datasheet HTML 21Page - ON Semiconductor FSA4486UCX Datasheet HTML 22Page - ON Semiconductor FSA4486UCX Datasheet HTML 23Page - ON Semiconductor FSA4486UCX Datasheet HTML 24Page - ON Semiconductor FSA4486UCX Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
FSA4486
www.onsemi.com
21
AUDIO JACK DETECTION REG2 VALUE
Address: 1Bh
Reset Value: 8’b 1111_1111
Type: Read
Bit
Name
Default
Description
7:0
AUDIO_JACK_DET2
11111111
Voltage from resistance between SBU2 and SBU1 (SBU1 = ground)
00000000b: = 0 V
........
11111111b: = 2.4 V
Increment is 9.375 mV per bit. Resistance is calculated as
AUDIO_JACK_DET2 / CURR_SOURCE_SET
MIC DETECTION THRESHOLD LOW
Address: 1Ch
Reset Value: 8’b 0010_0000
Type: Read/Write
Bit
Name
Default
Description
7:0
MIC_DET_TH_LOW
00100000
00000000b: = 0 mV
........
00100000b: = 300 mV (DEFAULT)
........
11111111b: = 2.4 V
Increment = 9.375 mV per bit
MIC DETECTION THRESHOLD UP
Address: 1Dh
Reset Value: 8’b 1111_1111
Type: Read/Write
Bit
Name
Default
Description
7:0
MIC_DET_TH_UP
11111111
00000000b: = 0 mV
........
00100000b: = 300 mV
........
11111111b: = 2.4 V (DEFAULT)
Increment = 9.375 mV per bit
I2C RESET
Address: 1Eh
Reset Value: 8’b 0000_0000
Type: W/C
Bit
Name
Default
Description
7:1
Reserved
0000000
Do Not Use
0
I2C_RESET
0
0b: DEFAULT
1b: Reset all I2C Register Values to Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com