Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APR1/D Datasheet(PDF) 22 Page - NXP Semiconductors

Part # APR1/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR1/D Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button APR1/D Datasheet HTML 18Page - NXP Semiconductors APR1/D Datasheet HTML 19Page - NXP Semiconductors APR1/D Datasheet HTML 20Page - NXP Semiconductors APR1/D Datasheet HTML 21Page - NXP Semiconductors APR1/D Datasheet HTML 22Page - NXP Semiconductors APR1/D Datasheet HTML 23Page - NXP Semiconductors APR1/D Datasheet HTML 24Page - NXP Semiconductors APR1/D Datasheet HTML 25Page - NXP Semiconductors APR1/D Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 101 page
background image
2-4
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
AC Electrical Characteristics
AC ELECTRICAL CHARACTERISTICS
The timing waveforms in the AC Electrical Characteristics are tested with a VIL maximum of
0.5 V and a VIH minimum of 2.4 V for all pins, except EXTAL, RESET, MODA, and MODB. These
pins are tested using the input levels set forth in the DC electrical characteristics. AC timing
specifications that are referenced to a device input signal are measured in production with
respect to the 50% point of the respective input signal’s transition. DSP56001A output levels are
measured with the production test machine VOL and VOH reference levels set at 0.8 V and 2.0 V,
respectively.
INTERNAL CLOCKS
For each occurrence of TH, TL, TC or ICYC, substitute with the numbers in Table 2-6.
Figure 2-1 Signal Measurement Reference
Table 2-6
Internal Clocks
Characteristics
Symbol
Expression
Internal Operation Frequency
f
Internal Clock High Period
TH
ETH
Internal Clock Low Period
TL
ETL
Internal Clock Cycle Time
TC
ETC
Instruction Cycle Time
ICYC
2
× T
C
VIH
VIL
Fall Time
Input
Signal
Note:
The midpoint is VIL + (VIH – VIL)/2.
Midpoint1
Low
High
Pulse Width
90%
50%
10%
Rise Time
AA0179
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com