Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D7V0M1U2LP3 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D7V0M1U2LP3
Description  7V UNIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D7V0M1U2LP3 Datasheet(HTML) 3 Page - Diodes Incorporated

  D7V0M1U2LP3 Datasheet HTML 1Page - Diodes Incorporated D7V0M1U2LP3 Datasheet HTML 2Page - Diodes Incorporated D7V0M1U2LP3 Datasheet HTML 3Page - Diodes Incorporated D7V0M1U2LP3 Datasheet HTML 4Page - Diodes Incorporated D7V0M1U2LP3 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D7V0M1U2LP3
Document number: DS40543 Rev. 1 - 2
3 of 5
www.diodes.com
June 2018
© Diodes Incorporated
D7V0M1U2LP3
0
t, TIME ( s)
Figure 3 Pulse Waveform
20
40
60
100
50
0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
I/O, INPUT VOLTAGE (V)
Figure 4 Input Capacitance vs. Input Voltage
I/O to V
SS, f = 1MHz
0
10
20
30
40
50
0
10
20
30
VOLTAGE FROM I/O TO V
SS (V)
Figure 5 Current vs. Voltage
0
2
4
6
8
10
12
14
0
2
4
6
8
10
CURRENT FROM I/O TO V
SS (A)
Figure 6 Clamping Voltage Characteristic
IEC61000-4-5
(Lighting)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com