Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HVL-63V101MHC5N-R2 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # HVL-63V101MHC5N-R2
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HVL-63V101MHC5N-R2 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HVL-63V101MHC5N-R2 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HVL-63V101MHC5N-R2 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
RCHVL101M4EFK5002 (Previous PN: HVL-63V101MHC5N-R2)
Features
Item Summary
100uF±20%, 63V, φ10x12.5mm, SMD
Lifecycle Stage
Mass Production (Preferred)
AEC-Q200 qualified
Standard packaging quantity (minimum)
400
Products characteristics table
Capacitance
100 uF ± 20 %
Rated Voltage
63 V
tanδ (max)
0.08
Operating Temp. Range
-55 to +125 ℃
Leakage current (min)
63 uA at 2 min
Rated Ripple (max)
2000 mArms at 100k Hz / 125 ℃
Impedance ratio
1.5
___[-25℃/+20℃]
Impedance ratio
2
___[-55℃/+20℃]
ESR (max)
26 mΩ at 100k Hz / 20 ℃
Endurance
8000 hr at 125 ℃
___[Test time]
Endurance
Within ±30% of initial value
___[Capacitance change]
Endurance
200% or less of initial specified value
___[tanδchange]
Shape
Vertical Chip
(SMD)
Type
Conductive Polymer Hybrid
RoHS Compliance (10 subst.)
Yes
REACH Compliance (233 subst.)
Yes
Soldering
Reflow
LeadForming/Taping
Taping Embossed
External Dimensions
Dimension φD
φ10 ±0.5 mm
Dimension L
12.5 ±0.5 mm
Dimension P (F)
Typ 4.7 mm
Dimension C (d)
Typ 3.3 mm
2023.05.17
1 / 1


Similar Part No. - HVL-63V101MHC5N-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HVL-63V101MHC5-R2 TAIYO-YUDEN-HVL-63V101MHC5-R2 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
HVL-63V101MHC5Q-R2 TAIYO-YUDEN-HVL-63V101MHC5Q-R2 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Powertrain and Safety
More results

Similar Description - HVL-63V101MHC5N-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RCHVL101M1UFH0002 TAIYO-YUDEN-RCHVL101M1UFH0002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
2023.05.15
RCHVL102M1TGL5005 TAIYO-YUDEN-RCHVL102M1TGL5005 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
2023.05.15
RCHVL151M1GEH0002 TAIYO-YUDEN-RCHVL151M1GEH0002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
2023.05.15
RCHVL221M1TEH0002 TAIYO-YUDEN-RCHVL221M1TEH0002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
2023.05.15
RCHVL271M1GFH0002 TAIYO-YUDEN-RCHVL271M1GFH0002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
2023.05.15
RCHVL331M1TFH0002 TAIYO-YUDEN-RCHVL331M1TFH0002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
2023.05.15
RCHVL391M1GFK5002 TAIYO-YUDEN-RCHVL391M1GFK5002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
2023.05.15
RCHVL680M1UEH0002 TAIYO-YUDEN-RCHVL680M1UEH0002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
2023.05.15
RCHVL121M4EGL5005 TAIYO-YUDEN-RCHVL121M4EGL5005 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
RCHVL330M4EEH0002 TAIYO-YUDEN-RCHVL330M4EEH0002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com