Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3015 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZSSC3015
Description  RBicdLite-AutoTM Sensor Signal Conditioner with Diagnostics
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3015 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZSSC3015 Datasheet HTML 35Page - Renesas Technology Corp ZSSC3015 Datasheet HTML 36Page - Renesas Technology Corp ZSSC3015 Datasheet HTML 37Page - Renesas Technology Corp ZSSC3015 Datasheet HTML 38Page - Renesas Technology Corp ZSSC3015 Datasheet HTML 39Page - Renesas Technology Corp ZSSC3015 Datasheet HTML 40Page - Renesas Technology Corp ZSSC3015 Datasheet HTML 41Page - Renesas Technology Corp ZSSC3015 Datasheet HTML 42Page - Renesas Technology Corp ZSSC3015 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
ZSSC3015 Datasheet
© 2016 Integrated Device Technology, Inc.
39
January 20, 2016
2
1
5
6
7
8
3
4
ZSSC3015
Bsink
VBP
ExtTemp
VBN
VSS
Sig
TM
VDD
Vgate
0.1
µF
Vsupply
Ground
+2.7 to +5.5 V
OUT
Optional Bsink
4
Application Circuit Examples
The minimum output analog load resistor is RL= 5kΩ. This optional load resistor can be configured as a pull-up or
pull-down. If it is configured as a pull-down, it cannot be part of the module to be calibrated because this would
prevent proper operation of the ZACwire™. If a pull-down load is desired, it must be added to system after
module calibration.
There is no output load capacitance needed.
4.1.
Three-Wire Rail-to-Rail Ratiometric Output
This example shows an application circuit for rail-to-rail ratiometric voltage output configuration with temperature
compensation via an external diode.
Figure 4.1
Rail-to-Rail Ratiometric Voltage Output – Temperature Compensation via External Diode
The optional bridge sink allows a power savings of bridge current. The output voltage can be either
•
Rail-to-rail ratiometric analog output (ratiometric to VDD = Vsupply).
•
0 to 1V analog output. The absolute voltage output reference is trimmable 1V (+/-2mV) in the
1V Output Mode via a 4-bit EEPROM field. See section 2.4.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com