| Electronic Components Datasheet Search |
|
ZSSC4151CE5R Datasheet(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSSC4151CE5R Datasheet(HTML) 14 Page - Renesas Technology Corp |
|
14 / 33 page ![]() ZSSC4151C Datasheet © 2022 Renesas Electronics Corporation 14 March 25, 2020 7. Circuit Description The ZSSC4151C Sensor Signal Conditioner (SSC) is a CMOS integrated circuit for highly accurate amplification and sensor-specific correction of resistive sensor element signals. Digital compensation of sensor offset, sensitivity, temperature drift, and non-linearity is accomplished via an internal 16-bit RISC microcontroller running a ROM-based correction algorithm with calibration coefficients stored in a nonvolatile memory (NVM). The ZSSC4151C is adjustable to nearly all resistive sensor element types. Measured values are provided at the analog voltage output (AOUT). The digital interfaces OWI or I2C can be used for a simple PC-controlled calibration procedure to program a set of calibration coefficients into the on-chip NVM. The specific sensor element and the ZSSC4151C can be quickly calibrated together. The ZSSC4151C and the calibration equipment communicate digitally, so the noise sensitivity is greatly reduced. Digital calibration helps keep assembly cost low as no trimming by external devices or lasers is needed. The ZSSC4151C is optimized for automotive environments by over-voltage and reverse-polarity protection circuitry, excellent electromagnetic compatibility, full automotive temperature range, and multiple diagnostic features. Figure 3 provides a block diagram of the ZSSC4151C. Refer to section 14 for definitions of abbreviations. Figure 3. ZSSC4151C Block Diagram ZSSC4151C SCCM Mode Input Select MUX Temp Sensor Gain Select ADC Mode Analog Front-End (AFE) Alternate External Temperature Sensor 2 PGA TS1 TOP BR1P BR1N BOT TS2 External PN Temperature Sensor Sensor Bridge VSSA Digital Core Interfaces VDDE AOUT OWI VSSE SCL SDA NVM RAM ROM I2C VDDA ADC CMC Note: Either TS1 or TS2 can be used for the external temperature sensor input, but not both at the same time. ZACwireTM DAC / BAMP Over-Voltage Protection Power Management Analog Digital Interface Functionality Support |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |