Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC875 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC875
Description  NPN Darlington transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC875 Datasheet(HTML) 2 Page - NXP Semiconductors

  BC875 Datasheet HTML 1Page - NXP Semiconductors BC875 Datasheet HTML 2Page - NXP Semiconductors BC875 Datasheet HTML 3Page - NXP Semiconductors BC875 Datasheet HTML 4Page - NXP Semiconductors BC875 Datasheet HTML 5Page - NXP Semiconductors BC875 Datasheet HTML 6Page - NXP Semiconductors BC875 Datasheet HTML 7Page - NXP Semiconductors BC875 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 28
2
Philips Semiconductors
Product specification
NPN Darlington transistors
BC875; BC879
FEATURES
• High DC current gain (min. 1000)
• High current (max. 1 A)
• Low voltage (max. 80 V)
• Integrated diode and resistor.
APPLICATIONS
• Relay drivers.
DESCRIPTION
NPN Darlington transistor in a TO-92 (SOT54) plastic
package. PNP complement: BC878.
PINNING
PIN
DESCRIPTION
1
base
2
collector
3
emitter
Fig.1
Simplified outline (TO-92; SOT54)
and symbol.
handbook, halfpage
MAM307
1
2
3
1
2
3
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC875
60
V
BC879
100
V
VCES
collector-emitter voltage
VBE =0
BC875
45
V
BC879
80
V
VEBO
emitter-base voltage
open collector
5V
IC
collector current (DC)
1A
ICM
peak collector current
2A
IB
base current (DC)
0.2
A
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
0.83
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com