Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3709 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3709
Description  Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3709 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3709 Datasheet HTML 16Page - Linear Technology LTC3709 Datasheet HTML 17Page - Linear Technology LTC3709 Datasheet HTML 18Page - Linear Technology LTC3709 Datasheet HTML 19Page - Linear Technology LTC3709 Datasheet HTML 20Page - Linear Technology LTC3709 Datasheet HTML 21Page - Linear Technology LTC3709 Datasheet HTML 22Page - Linear Technology LTC3709 Datasheet HTML 23Page - Linear Technology LTC3709 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC3709
3709f
APPLICATIO S I FOR ATIO
Figure 8. Kelvin Sensing
SENSE + SENSE –
(8b) Sensing a Resistor
3709 F08
RSENSE
SENSE + SENSE –
(8a) Sensing the Bottom MOSFET
MOSFET
D
D
D
D
G
S
S
S
• Segregate the signal and power grounds. All small
signal components should return to the SGND pin at
one point, which is then tied to a “clean” point in the
power ground such as the “–” node of CIN.
• Minimize impedance between input ground and output
ground.
• Connect PGND1 to the source of M2 or RS1 (QFN)
directly. This also applies to channel 2.
• Place M2 as close to the controller as possible, keeping
the PGND1, BG1 and SW1 traces short. The same for
the other channel. SW2 trace should connect to the
drain of M2 directly.
• Connect the input capacitor(s) CIN close to the power
MOSFETs: (+) node to drain of M1, (–) node to source
of M2. This capacitor carries the MOSFET AC current.
• Keep the high dV/dt SW, BOOST and TG nodes away
from sensitive small-signal nodes.
• Connect the DRVCC decoupling capacitor CVCC closely
to the DRVCC and PGND pins.
• Connect the top driver boost capacitor CB closely to the
BOOST and SW pins.
• Connect the VIN pin decoupling capacitor CF closely to
the VCC and PGND pins.
• Are the SENSE– and SENSE+ leads routed together with
minimum PC trace spacing? The filter capacitor be-
tween SENSE– and SENSE+ (CSENSE) should be as close
as possible to the IC. Ensure accurate current sensing
with Kelvin connections at the sense resistor as shown
in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com