Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

100B0R3BW Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 100B0R3BW
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

100B0R3BW Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  100B0R3BW Datasheet HTML 1Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 2Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 3Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 4Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 5Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 6Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 7Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 8Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
RF Device Data
Freescale Semiconductor
MW4IC2230NBR1 MW4IC2230GNBR1
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-0.5, +8
Vdc
Storage Temperature Range
Tstg
-65 to +175
°C
Operating Channel Temperature
TJ
200
°C
Input Power
Pin
20
dBm
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1)
Unit
Thermal Resistance, Junction to Case
Stage 1
Stage 2
Stage 3
RθJC
10.5
5.1
2.3
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
2 (Minimum)
Machine Model
M3 (Minimum)
Charge Device Model
C5 (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22-A113, IPC/JEDEC J-STD-020
3
260
°C
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ1 = 60 mA, IDQ2 = 350 mA, IDQ3 = 265 mA,
Pout = 0.4 W Avg., f = 2110 MHz, f = 2170 MHz, Single-carrier W-CDMA. ACPR measured in 3.84 MHz Channel Bandwidth @ ±5 MHz
Offset. PAR = 8.5 dB @ 0.01% Probability on CCDF.
Power Gain
Gps
29
31.5
—
dB
Input Return Loss
IRL
—
-25
-10
dB
Adjacent Channel Power Ratio
Pout = 0.4 W Avg.
Pout = 1.26 W Avg.
ACPR
—
—
-53.5
-52
-50
—
dBc
Typical Performances (In Freescale Test Fixture tuned for 0.4 W Avg. W-CDMA driver) VDD = 28 Vdc, IDQ1 = 60 mA, IDQ2 = 350 mA,
IDQ3 = 265 mA, 2110 MHz<Frequency <2170 MHz
Saturated Pulsed Output Power
(f = 1 kHz, Duty Cycle 10%)
Psat
—
43
—
W
Quiescent Current Accuracy over Temperature (-10 to 85°C) (2)
ΔIQT
—
±5
—
%
Gain Flatness in 30 MHz Bandwidth
GF
—
0.13
—
dB
Deviation from Linear Phase in 30 MHz Bandwidth
Φ
—
±1
—
°
Delay @ Pout = 0.4 W CW Including Output Matching
Delay
—
1.6
—
ns
Part-to-Part Phase Variation
ΔΦ
—
±15
—
°
1. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
2. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family. Go to http://www.freescale.com/rf. Select
Documentation/Application Notes - AN1977.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com