| Electronic Components Datasheet Search |
|
EM140A-E28-R008S Datasheet(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
EM140A-E28-R008S Datasheet(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 4 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. EM14 - 14 mm Rotary Optical Encoder w/Switch Product Dimensions F L 14.25 (0.561) R ANTI-ROTATION BOSS (OPTIONAL) HIGH X 1.19 (.047) .79 (.031) 3.18 (.125) TYP. "L" PIN STYLE TYP. "L" PIN STYLE TYP. "R" PIN STYLE 10.03 (.395) MOUNTING SURFACE 9.53 (.375) 1.52 (.060) 1.75 (.069) TYP. "R" PIN STYLE 2.08 (.082) 14.76 (.581) 8.00 (.315) 4.76 (.187) METAL BUSHING (SEE TABLE FOR OPTIONS) METAL SHAFT (SEE TABLE FOR OPTIONS) F SHAFT DIA. BUSHING DIA. SHAFT LENGTH "L" FLAT LENGTH "F" L 9.53 (.375) 0.79 (.031) 4.76 (.187) 6.35 (.250) 9.52 (.375) 19.05 (.750) 7.94 (.313) 22.22 (.875) 9.52 (.375) 3/8-32 UNEF-2A "A" Style Bushing - Flatted Shafts "R" Style Bushing - Flatted Shafts "C" Style Bushing - Slotted Shafts "A" Style Bushing - Slotted Shafts "R" Style Bushing - Slotted Shafts L 6.35 (.250) 1/4-32 UNEF-2A M10 x 0.75-6 g 3/8-32 UNEF-2A F L 9.5 (.374) 1.52 (.060) 0.99 (.040) 0.99 (.040) L 9.5 (.374) 1.8 (.071) L 9.53 (.375) 1.8 (.071) 4.42 (.174) M10 x 0.75-6 g SHAFT DIA. BUSHING DIA. SHAFT LENGTH "L" FLAT LENGTH "F" 6.0 (.236) 10.0 (.394) 20.0 (.787) 7.0 (.275) 25.0 (.984) 12.0 (.472) SHAFT DIA. BUSHING DIA. SHAFT LENGTH "L" 6.35 (.250) 9.52 (.375) 19.05 (.750) 22.22 (.875) SHAFT DIA. BUSHING DIA. SHAFT LENGTH "L" 6.35 (.250) 9.52 (.375) 19.05 (.750) 22.22 (.875) SHAFT DIA. BUSHING DIA. SHAFT LENGTH "L" 6.0 (.236) 10.0 (.394) 20.0 (.787) 25.0 (.984) Shaft / Flat Length Dimensions |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |