Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GRF5607 Datasheet(PDF) 4 Page - Guerrilla RF, Inc.

Part # GRF5607
Description  HIGH LINEARITY POWER AMPLIFIER 703 to 748 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF5607 Datasheet(HTML) 4 Page - Guerrilla RF, Inc.

  GRF5607 Datasheet HTML 1Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 2Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
GRF5607 High Linearity Power Amplifier 703 to 748 MHz
PRELIMINARY DATA SHEET
Guerrilla RF Proprietary Information. • ©2022 Guerrilla RF, Inc. • All rights reserved. • September 19, 2022
4
www.guerrilla-rf.com • (336) 510-7840 • sales@guerrilla-rf.com • 1196 Pleasant Ridge Road, Suite 5, Greensboro, NC 27409
Absolute Ratings
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage
VCC
TBD
V
RF Input
Power
50 Ω, VCC = 5 V, CW Tone, 100% Duty
Cycle, TPKG HEAT SINK = 25°C
PIN MAX – 1:1
TBD
dBm
Load VSWR ≤ 8:1, all phase angles,
VCC = 5 V, CW Tone, 100% Duty Cycle,
TPKG HEAT SINK = -40 to 85°C
PIN MAX – 8:1
TBD
Operating Temperature (Package Heat Sink)
TPKG HEAT SINK
-40
85
°C
Maximum Junction Temperature (MTTF >106 Hours)
TJ MAX
170
°C
Maximum Dissipated Power (Stage 1)
PDISS MAX
TBD
mW
Maximum Dissipated Power (Stage 2)
PDISS MAX
TBD
mW
Shutdown Voltage
VSHDN
TBD
V
Electrostatic Discharge
Charged Device Model
CDM
TBD
V
Human Body Model
HBM
TBD
V
Storage
Storage Temperature
TSTG
-65
150
°C
Moisture Sensitivity Level
MSL
1
--
Caution! ESD Sensitive Device.
Exceeding Absolute Maximum Rating conditions may cause permanent damage.
Note: For additional information, please refer to Manufacturing Note MN-001 — Package and Manufacturing Information.
All Guerrilla RF products are provided in RoHS compliant lead (Pb)-free packaging requiring no exemptions. Additional
information for this topic can be found at this link - Environmental and Restricted Substance Statement Library



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com