Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HL2G331MCAS2WPEC Datasheet(PDF) 2 Page - AIC tech Inc.

Part # HL2G331MCAS2WPEC
Description  Useful of 8,000 hours at 105ºC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

HL2G331MCAS2WPEC Datasheet(HTML) 2 Page - AIC tech Inc.

  HL2G331MCAS2WPEC Datasheet HTML 1Page - AIC tech Inc. HL2G331MCAS2WPEC Datasheet HTML 2Page - AIC tech Inc. HL2G331MCAS2WPEC Datasheet HTML 3Page - AIC tech Inc. HL2G331MCAS2WPEC Datasheet HTML 4Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HL Series
Standard Products Table
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
200
330
22
×25
0.15
1.09
330
HL2D331MCXS2WPEC
470
22
×30
0.15
1.37
240
HL2D471MCXS3WPEC
25
×25
0.15
1.36
240
HL2D471MCYS2WPEC
560
22
×35
0.15
1.57
200
HL2D561MCXS4WPEC
25
×30
0.15
1.57
200
HL2D561MCYS3WPEC
680
22
×40
0.15
1.81
160
HL2D681MCXS5WPEC
30
×25
0.15
1.75
160
HL2D681MCZS2WPEC
820
22
×45
0.15
2.06
140
HL2D821MCXS6WPEC
25
×35
0.15
1.99
140
HL2D821MCYS4WPEC
1,000
25
×45
0.15
2.37
110
HL2D102MCYS6WPEC
30
×30
0.15
2.24
110
HL2D102MCZS3WPEC
35
×25
0.15
1.94
110
HL2D102MCAS2WPEC
1,200
25
×50
0.15
2.67
100
HL2D122MCYS7WPEC
30
×35
0.15
2.56
100
HL2D122MCZS4WPEC
35
×30
0.15
2.23
100
HL2D122MCAS3WPEC
1,500
30
×45
0.15
3.08
80
HL2D152MCZS6WPEC
35
×35
0.15
2.61
80
HL2D152MCAS4WPEC
1,800
30
×50
0.15
3.49
70
HL2D182MCZS7WPEC
35
×40
0.15
2.97
70
HL2D182MCAS5WPEC
2,200
35
×45
0.15
3.39
50
HL2D222MCAS6WPEC
2,700
35
×50
0.15
3.86
50
HL2D272MCAS7WPEC
250
270
22
×25
0.15
0.98
360
HL2E271MCXS2WPEC
330
22
×30
0.15
1.15
290
HL2E331MCXS3WPEC
25
×25
0.15
1.14
290
HL2E331MCYS2WPEC
390
22
×35
0.15
1.31
250
HL2E391MCXS4WPEC
470
22
×40
0.15
1.50
210
HL2E471MCXS5WPEC
25
×30
0.15
1.43
210
HL2E471MCYS3WPEC
30
×25
0.15
1.45
210
HL2E471MCZS2WPEC
560
22
×45
0.15
1.70
180
HL2E561MCXS6WPEC
25
×35
0.15
1.64
180
HL2E561MCYS4WPEC
680
22
×50
0.15
1.94
150
HL2E681MCXS7WPEC
25
×40
0.15
1.88
150
HL2E681MCYS5WPEC
30
×30
0.15
1.85
150
HL2E681MCZS3WPEC
35
×25
0.15
1.60
150
HL2E681MCAS2WPEC
820
25
×45
0.15
2.14
120
HL2E821MCYS6WPEC
30
×35
0.15
2.12
120
HL2E821MCZS4WPEC
35
×30
0.15
1.84
120
HL2E821MCAS3WPEC
1,000
30
×40
0.15
2.44
100
HL2E102MCZS5WPEC
1,200
30
×45
0.15
2.76
80
HL2E122MCZS6WPEC
35
×35
0.15
2.33
80
HL2E122MCAS4WPEC
1,500
35
×45
0.15
2.80
70
HL2E152MCAS6WPEC
1,800
35
×50
0.15
3.16
60
HL2E182MCAS7WPEC
315
150
22
×25
0.20
0.86
850
HL2F151MCXS2WPEC
220
22
×30
0.20
1.10
580
HL2F221MCXS3WPEC
25
×25
0.20
1.10
580
HL2F221MCYS2WPEC
270
22
×35
0.20
1.24
480
HL2F271MCXS4WPEC
25
×30
0.20
1.25
480
HL2F271MCYS3WPEC
330
22
×40
0.20
1.40
390
HL2F331MCXS5WPEC
25
×35
0.20
1.44
390
HL2F331MCYS4WPEC
30
×25
0.20
1.43
390
HL2F331MCZS2WPEC
390
22
×45
0.20
1.56
330
HL2F391MCXS6WPEC
25
×40
0.20
1.60
330
HL2F391MCYS5WPEC
30
×30
0.20
1.56
330
HL2F391MCZS3WPEC
470
25
×45
0.20
1.79
280
HL2F471MCYS6WPEC
35
×25
0.20
1.48
280
HL2F471MCAS2WPEC
560
25
×50
0.20
1.99
230
HL2F561MCYS7WPEC
30
×35
0.20
1.93
230
HL2F561MCZS4WPEC
35
×30
0.20
1.70
230
HL2F561MCAS3WPEC
680
30
×40
0.20
2.19
190
HL2F681MCZS5WPEC
35
×35
0.20
1.96
190
HL2F681MCAS4WPEC
820
30
×50
0.20
2.51
160
HL2F821MCZS7WPEC
35
×40
0.20
2.23
160
HL2F821MCAS5WPEC
1,000
35
×45
0.20
2.55
130
HL2F102MCAS6WPEC
1,200
35
×50
0.20
2.87
110
HL2F122MCAS7WPEC
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
400
120
22
×25
0.20
0.77
800
HL2G121MCXS2WPEC
150
22
×25*
0.20
0.87
640
HL2G151MCXS2WPEC
22
×30
0.20
0.92
640
HL2G151MCXS3WPEC
25
×25
0.20
0.90
640
HL2G151MCYS2WPEC
180
22
×30*
0.20
1.01
540
HL2G181MCXS3WPEC
22
×35
0.20
1.05
540
HL2G181MCXS4WPEC
25
×25*
0.20
0.99
540
HL2G181MCYS2WPEC
25
×30
0.20
1.05
540
HL2G181MCYS3WPEC
220
22
×35*
0.20
1.17
440
HL2G221MCXS4WPEC
22
×40
0.20
1.22
440
HL2G221MCXS5WPEC
25
×30
0.20
1.16
440
HL2G221MCYS3WPEC
25
×35
0.20
1.21
440
HL2G221MCYS4WPEC
30
×25
0.20
1.17
440
HL2G221MCZS2WPEC
270
22
×40*
0.20
1.35
360
HL2G271MCXS5WPEC
22
×45
0.20
1.40
360
HL2G271MCXS6WPEC
25
×35
0.20
1.35
360
HL2G271MCYS4WPEC
25
×40
0.20
1.40
360
HL2G271MCYS5WPEC
30
×25*
0.20
1.28
360
HL2G271MCZS2WPEC
330
22
×45*
0.20
1.54
290
HL2G331MCXS6WPEC
22
×50*
0.20
1.59
290
HL2G331MCXS7WPEC
25
×40
0.20
1.55
290
HL2G331MCYS5WPEC
25
×45
0.20
1.61
290
HL2G331MCYS6WPEC
30
×30
0.20
1.49
290
HL2G331MCZS3WPEC
35
×25
0.20
1.52
290
HL2G331MCAS2WPEC
390
25
×45*
0.20
1.74
250
HL2G391MCYS6WPEC
25
×50
0.20
1.80
250
HL2G391MCYS7WPEC
30
×30*
0.20
1.62
250
HL2G391MCZS3WPEC
30
×35
0.20
1.70
250
HL2G391MCZS4WPEC
35
×25*
0.20
1.59
250
HL2G391MCAS2WPEC
35
×30
0.20
1.68
250
HL2G391MCAS3WPEC
470
25
×50*
0.20
1.98
210
HL2G471MCYS7WPEC
30
×35*
0.20
1.86
210
HL2G471MCZS4WPEC
30
×40
0.20
1.94
210
HL2G471MCZS5WPEC
35
×30*
0.20
1.84
210
HL2G471MCAS3WPEC
35
×35
0.20
1.92
210
HL2G471MCAS4WPEC
560
30
×40*
0.20
2.11
180
HL2G561MCZS5WPEC
30
×45
0.20
2.19
180
HL2G561MCZS6WPEC
35
×35
0.20
2.09
180
HL2G561MCAS4WPEC
35
×40
0.20
2.18
180
HL2G561MCAS5WPEC
680
30
×50*
0.20
2.48
150
HL2G681MCZS7WPEC
35
×40*
0.20
2.40
150
HL2G681MCAS5WPEC
35
×45
0.20
2.48
150
HL2G681MCAS6WPEC
820
35
×45*
0.20
2.72
120
HL2G821MCAS6WPEC
35
×50
0.20
2.80
120
HL2G821MCAS7WPEC
1,000
35
×50*
0.20
3.09
100
HL2G102MCAS7WPEC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com