Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SB4-OR-4XP-B Datasheet(PDF) 6 Page - Pepperl+Fuchs Inc.

Part # SB4-OR-4XP-B
Description  Safety control unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SB4-OR-4XP-B Datasheet(HTML) 6 Page - Pepperl+Fuchs Inc.

  SB4-OR-4XP-B Datasheet HTML 1Page - Pepperl+Fuchs Inc. SB4-OR-4XP-B Datasheet HTML 2Page - Pepperl+Fuchs Inc. SB4-OR-4XP-B Datasheet HTML 3Page - Pepperl+Fuchs Inc. SB4-OR-4XP-B Datasheet HTML 4Page - Pepperl+Fuchs Inc. SB4-OR-4XP-B Datasheet HTML 5Page - Pepperl+Fuchs Inc. SB4-OR-4XP-B Datasheet HTML 6Page - Pepperl+Fuchs Inc. SB4-OR-4XP-B Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SB4-OR-4XP-B
6
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Safety control unit
The operating instructions that accompany the unit must be observed during planning, installation and operation.
The SB4 evaluation system is a type 4 (EN 61496-1 or IEC 61496-1) and category 4 (EN 954-1) AOPD. This system has also
been designed and tested in accordance with IEC 61508. The system meets the requirements of SIL3.
At most 4 safety thru-beam sensors can be connected to the control interface in the default setting.
The SB4 module at position 2 enables SLA-series "3-wire" thru-beam sensors (such as SLA5) and SLP light grids to be
connected. P-switching safety devices with integrated cross-circuit monitoring can also be connected, such as SLC series safety
light curtains. Switching mats designed according to the 4-wire principle and single or dual-channel contact-equipped safety
sensors can also be connected.
The cables must be selected for and routed to the photoelectric sensors and light grids in such a way as to ensure short circuits
cannot occur between the receiver and the emitter wire.
Light curtains with semiconductor switching outputs and dual-channel contact-equipped safety sensors are monitored for
simultaneity The monitoring time is 2 seconds.
The devices are connected at channels 3 and 4 and/or 1 and 2. Please note that these sensors must feature integrated cross-
circuit monitoring, as the module in these
sensors is not designed to include this feature. Contact-equipped safety sensors that are connected to the SafeBox must operate
normally closed outputs.
An open contact signifies that the status is "safe". Switching mats designed in accordance with the 4-wire principle can be
connected to channels 1 and 2 and/or 3 and 4.
The control interface has empty slots. They are used for individual function extensions with SB4 modules.
The following SB4 modules can be used:
• SB4 modules 4C:SB4 modules 4C in various versions.
SB4 module for connecting four 2-wire sensors
• SB4 modules 4X:SB4 modules 4X in various versions.
SB4 module for connecting 3-wire sensors and safety devices with semiconductor switching outputs
• SB4 modules 6C:SB4 modules 6C in various versions.
SB4 module for connecting six 2-wire sensors
• SB4 modules 2E:SB4 modules 2E in various versions.
Additional 2 OSSDs, relay monitoring, restart connection and 2 connections for contact-equipped safety signals(e.g.
emergency off switch), timer functions
• SB4 modules 4M:SB4 modules 4M in various versions.
Muting module for connecting up to 4 muting sensors
The startup/restart interlock is activated by default.
All groups feature DIP switches to select the functions. Two switches must always be actuated in order to select a function.
Switches on the first group:
Switches on the second group:
Six DIP switches for selecting the sensor type and position are available on the module. There are six ways in which to combine
the sensors. The required combination must be set in binary form. Two switches must always be actuated in order to select a
function, e.g. DIP switches 1–3 have the same switch position as DIP switches 4–6.
Function
Operating modes
Switch
Position
Operating mode
1 and 3
OFF
without startup/restart interlock (restart, RI)
ON
with startup/restart interlock (restart, RI)
2 and 4
OFF
without relay monitor (RM)
ON
with relay monitor (RM)
DIP switches
Operating mode
3 and
6
2 and
5
1 and
4
0
0
0
SLA/SLP/bridge on channel 1 + 2 and channel 3 + 4
0
0
1
SLA/SLP/bridge on channel 1 + 2 and SLC channel 3 + 4
0
1
0
SLC channel 1 + 2 and channel 3 + 4
0
1
1
SLA/SLP/bridge on channel 1 + 2 and pressure-sensitive mat
channel 3 + 4
1
0
0
Pressure-sensitive mat channel 1 + 2 and channel 3 + 4
1
0
1
SLC channel 1 + 2 and channel 3 + 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com