Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC106ARX66CG Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC106ARX66CG
Description  MPC106 PCI Bridge/Memory Controller Hardware Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC106ARX66CG Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC106ARX66CG Datasheet HTML 9Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 10Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 11Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 12Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 13Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 14Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 15Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 16Page - NXP Semiconductors MPC106ARX66CG Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
MPC106 PCI Bridge/Memory Controller Hardware Specifications
13
Electrical and Thermal Characteristics
Figure 6 provides the JTAG clock input timing diagram.
Figure 6. JTAG Clock Input Timing Diagram
Figure 7 provides the TRST timing diagram.
Figure 7. TRST Timing Diagram
6
Boundary-scan input data setup time
5
—
ns
3
7
Boundary-scan input data hold time
15
—
ns
3
8
TCK to output data valid
0
30
ns
4
9
TCK to output high impedance
0
30
ns
4
10
TMS, TDI data setup time
5
—
ns
—
11
TMS, TDI data hold time
15
—
ns
1
12
TCK to TDO data valid
0
15
ns
—
13
TCK to TDO high impedance
0
15
ns
—
Notes:
1 These values are guaranteed by design, and are not tested
2 TRST is an asynchronous signal. The setup time is for test purposes only.
3 Non-test signal input timing with respect to TCK.
4 Non-test signal output timing with respect to TCK.
Table 9. JTAG AC Timing Specifications (Independent of SYSCLK) (Continued)
Num
Characteristic
Min
Max
Unit
Notes
TCK
2
2
1
3
3
VM = Midpoint Voltage (1.4 V)
VM
VM
VM
4
5
TRST
TCK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com