Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D24V0S1UG3LP20 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D24V0S1UG3LP20
Description  1 CHANNEL HIGH SURGE TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D24V0S1UG3LP20 Datasheet(HTML) 1 Page - Diodes Incorporated

  D24V0S1UG3LP20 Datasheet HTML 1Page - Diodes Incorporated D24V0S1UG3LP20 Datasheet HTML 2Page - Diodes Incorporated D24V0S1UG3LP20 Datasheet HTML 3Page - Diodes Incorporated D24V0S1UG3LP20 Datasheet HTML 4Page - Diodes Incorporated D24V0S1UG3LP20 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D24V0S1UG3LP20
Document number: DS43437 Rev. 1 - 2
1 of 5
www.diodes.com
September 2021
© Diodes Incorporated
D24V0S1UG3LP20
1 CHANNEL HIGH SURGE TVS DIODE
Product Summary
VBR (MIN)
IPP (MAX)
VC typ at 160A
25.0V
200A
27.1V
Description
This new generation TVS is designed to protect sensitive electronics
from the damage due to ESD and Surge. The combination of small
size and high ESD surge capability makes it ideal for use in portable
applications such as cellular phones, digital cameras, and MP3
players.
Applications
•
Cellular Handsets
•
Portable Electronics
•
Computers and Peripherals
Features
•
Low Profile Package (0.60mm Typical) and Ultra-Small PCB
Footprint Area (2.3mm × 1.7mm Max) Suitable for Compact
Portable Electronics
•
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
•
Provides Surge and Lightning Protection per IEC 61000-4-5
Standard: IPP Max 200A
•
One Channel of ESD and Surge Protection
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
•
Case: U-DFN2020-3
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: NiPdAu over Copper Leadframe. Solderable per MIL-
STD-202, Method 208
•
Weight: 0.004 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
D24V0S1UG3LP20-7
Standard
7G
7
8
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4 For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2020
2021
2022
2023
2024
2025
2026
2027
2028
2029
2030
2031
Code
H
I
J
K
L
M
N
O
P
R
S
T
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
7G = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: I = 2021)
M = Month (ex: 9 = September)
e4
Top View
1 and 2 must be electrically connected at the PCB
1
3
2
U-DFN2020-3 (Type C)
3
1, 2


Similar Part No. - D24V0S1UG3LP20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D24V0S1UG3LP20-7 DIODES-D24V0S1UG3LP20-7 Datasheet
292Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
September 2021 Rev. 1 - 2
More results

Similar Description - D24V0S1UG3LP20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D12V0H1U2LP1610 DIODES-D12V0H1U2LP1610 Datasheet
390Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
D14V0H1U2LP1610 DIODES-D14V0H1U2LP1610 Datasheet
304Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
D22V0H1U2LP1610 DIODES-D22V0H1U2LP1610 Datasheet
284Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
D4V5H1U2LP1610 DIODES-D4V5H1U2LP1610 Datasheet
291Kb / 4P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
D5V0H1U2LP1610 DIODES-D5V0H1U2LP1610 Datasheet
296Kb / 4P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
D5V0S1UN2LP1610 DIODES-D5V0S1UN2LP1610 Datasheet
330Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 2
D7V5S1U3LP20 DIODES-D7V5S1U3LP20 Datasheet
498Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
September 2022 Rev. 7 - 2
D20V0S1U2LP20 DIODES-D20V0S1U2LP20 Datasheet
204Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
January 2019 Rev. 1 - 2
D22V0S1U2LP20 DIODES-D22V0S1U2LP20 Datasheet
230Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
January 2019 Rev. 2 - 2
D30V0S1UG3LP20 DIODES-D30V0S1UG3LP20 Datasheet
513Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
December 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com