Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SED1351 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SED1351
Description  GRAPHICS LCD CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SED1351 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SED1351 Datasheet HTML 3Page - List of Unclassifed Manufacturers SED1351 Datasheet HTML 4Page - List of Unclassifed Manufacturers SED1351 Datasheet HTML 5Page - List of Unclassifed Manufacturers SED1351 Datasheet HTML 6Page - List of Unclassifed Manufacturers SED1351 Datasheet HTML 7Page - List of Unclassifed Manufacturers SED1351 Datasheet HTML 8Page - List of Unclassifed Manufacturers SED1351 Datasheet HTML 9Page - List of Unclassifed Manufacturers SED1351 Datasheet HTML 10Page - List of Unclassifed Manufacturers SED1351 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
203
SED1351
° DC Characteristics (F0A)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static current
IDDS
VIN = VDD, VDD = Max,
—
—
100
µA
VSS, IOH = IOL = 0
VDD = 5.5V,
Input leakage current (Type 1)
ILI
VIH = VDD,
–10
—
10
µA
VIL = VSS
High level input voltage 1 (OSC1)
VIH1
VDD = 5.5V
3.5
—
—
V
Low level input voltage 1 (OSC1)
VIL1
VDD = 4.5V
—
—
1.0
V
High level input voltage 2 (Type 2)
VIH2
VDD = 5.5V
2.0
—
—
V
Low level input voltage 2 (Type 2)
VIL2
VDD = 4.5V
—
—
0.8
V
High level input voltage 3 (Type 3)
VT+
VDD = 5.5V
4.0
—
—
V
Low level input voltage 3 (Type 3)
VT–
VDD = 4.5V
—
—
0.8
V
Hysteresis voltage (Type 3)
VH
VDD = 5V
0.3
—
—
V
High level output voltage 1 (Type 4)
VOH1
VDD = 4.5V
VDD
——
V
IOH = –2mA
– 0.4
Low level output voltage 1 (Type 4)
VOL1
IOL = 6mA
——
VSS
V
+ 0.4
High level output voltage 2 (OSC2)
VOH2
VDD = 4.5V
VDD
——
V
IOH = –50
µA
– 0.4
Low level output voltage 2 (OSC2)
VOL2
IOL = 50
µA
——
VSS
V
+ 0.4
(Ta = –20 to 75
°C)
Note:
Type 1. MEMCS, MEMWR, MEMRD, IOCS, IOWR, IORD, MPUCLK, AB0 ~ AB15, BHE, MPUSEL, RESET, OSC
Type 2. MEMCS, MEMWR, MEMRD, IOCS, IOWR, IORD, MPUCLK, AB0 ~ AB15, BHE, DB0 ~ DB15, VD0 ~ VD15
Type 3. MPUSEL, RESET
Type 4. DB0 ~ DB15, READY, VA0 ~ VA15, VCS0 ~ VCS4, VD0 ~ VD15, VWE, XSCL, LP, WF, YD, UD0 ~ UD3, LD0 ~ LD3,
LCDENB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com