Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC604E9QEC/D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC604E9QEC/D
Description  PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604E9QEC/D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC604E9QEC/D Datasheet HTML 9Page - NXP Semiconductors MPC604E9QEC/D Datasheet HTML 10Page - NXP Semiconductors MPC604E9QEC/D Datasheet HTML 11Page - NXP Semiconductors MPC604E9QEC/D Datasheet HTML 12Page - NXP Semiconductors MPC604E9QEC/D Datasheet HTML 13Page - NXP Semiconductors MPC604E9QEC/D Datasheet HTML 14Page - NXP Semiconductors MPC604E9QEC/D Datasheet HTML 15Page - NXP Semiconductors MPC604E9QEC/D Datasheet HTML 16Page - NXP Semiconductors MPC604E9QEC/D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
PID9q-604e Hardware Specifications
13
PRELIMINARYÑSUBJECT TO CHANGE WITHOUT NOTICE
Figure 4 provides the output timing diagram for the 604e.
Figure 4. Output Timing Diagram
1.4.3 JTAG AC Timing SpeciÞcations
Table 9 provides the JTAG AC timing speciÞcations.
Table 9. JTAG AC Timing Specifications (Independent of SYSCLK)
Vdd = AVdd = 1.9 ±100 mV dc, OVdd = 3.3 ± 5%, GND = 0 V dc, CL = 5 pF, 0 £ Tj £ 105 ¡C
Num
Characteristic
Min
Max
Unit
Notes
TCK frequency of operation
0
16
MHz
1
TCK cycle time
62.5
Ñ
ns
2
TCK clock pulse width measured at 0.9 V
25
Ñ
ns
3
TCK rise and fall times
0
3
ns
4
TRST setup time to TCK rising edge
13
Ñ
ns
1
5
TRST assert time
40
Ñ
ns
6
Boundary-scan input data setup time
0
Ñ
ns
2
7
Boundary-scan input data hold time
27
Ñ
ns
2
SYSCLK
11
13
12
14
15
16
ALL OUTPUTS
(Except TS, ABB, DBB,
TS, XATS
ARTRY, SHD
ABB, DBB
VM
VM
VM = Midpoint Voltage (
0.9 V)
ARTRY, XATS, SHD)
14
VM
12
20
18
17
21
19
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com