Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8632ZGD3 Datasheet(PDF) 2 Page - ITT Industries

Part # 8632ZGD3
Description  Microminiature Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8632ZGD3 Datasheet(HTML) 2 Page - ITT Industries

  8632ZGD3 Datasheet HTML 1Page - ITT Industries 8632ZGD3 Datasheet HTML 2Page - ITT Industries 8632ZGD3 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C&K 8600 Series
Microminiature Pushbutton Switches
SWITCH FUNCTION
TERMINATIONS
PC MOUNTING
PANEL MOUNTING
N.C.
5 oz (140g) TYP.
.048 (1,22) TYP.
MOM.
ON
8633
SP
PANEL MOUNTING
N.O. with overtravel
6.25 oz (177g) TYP.
with overtravel
.024 (0,61) TYP.
.106 (2,69) TYP.
MOM.
OFF
8632
SP
PANEL MOUNTING
N.O.
5 oz (140g) TYP.
.040 (1,02) TYP.
MOM.
OFF
8631
SP
SCHEMATIC
ACTUATION
FORCE
TOTAL TRAVEL
SWITCH FUNCTION
POS. 1
POS. 2
MODEL
NO.
NO.
POLES
SPST
SPST
SPST
Part number shown: 8631ZQD2
Terminals Insert Molded
Part number shown: 8632ZQD2
Terminals Insert Molded
Part number shown: 8633ZQE2
8631, 8632 models only.
8633 models only.
8631, 8632 models only.
MOM. = Momentary
NOTE: Caps available for plunger options, see page A-75.
Z SOLDER LUG
C PC THRU-HOLE
A–70
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com