Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCSD-08-S-01-F-N-R Datasheet(PDF) 1 Page - Samtec, Inc

Part # TCSD-08-S-01-F-N-R
Description  TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

TCSD-08-S-01-F-N-R Datasheet(HTML) 1 Page - Samtec, Inc

  TCSD-08-S-01-F-N-R Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES
- NO.PINS
PER ROW
- END
OPTION
- OVERALL
LENGTH
- 01 - PLATING
OPTION
- N - OTHER
OPTION
TCSD
= Socket
Strip
–04, –05,
–07, –08,
–10, –12,
–13, –15,
–17, –20,
–22, –25
(Standard
sizes)
–S
= Single
End
–D
= Double
End
–“XX.XX”
= Assembled
Length
Leave blank
for standard
plating 30 µ"
(0.76 µm)
Gold on
contact area
–F
= Gold flash
on contact
–N
= Notch
Polarization
–P “XX”
= Position
Polarization
(Specify “XX” as
position number.
Same position
will be polarized
on both ends)
–B “XX”
= Breakout
(Specify “XX”
as number of
conductors to
be broken out)
–RW
= Reverse Wiring
(Blue or black
wire opposite
position #1)
–D “XX”
= Daisy Chain
–SR
= Strain Relief
(Not available
with –O, –M, –R,
–DXX or –BXX)
–R
= Reverse
–M
= Middle Reverse
(Requires –DXX)
–O
= Outside
Reverse
(Requires –DXX)
SPECIFICATIONS
Insulator Material:
Black Glass Filled Polyester
Contact:
BeCu
Plating:
Au or Sn over
50 µ" (1.27 µm) Ni
Wire:
28 AWG 7/36 Stranded,
Tinned, Copper with
Gray PVC Insulator
Current Rating
(TCSD/STMM):
2.8 A per pin
(2 pins powered)
Operating Temp Range:
-40 °C to +105 °C
Lead Size Accepted:
(0.48 mm) .019" to
(0.53 mm) .021"
Insertion Depth:
(2.87 mm) .113" to
(3.17 mm) .125"
TCSD
Mates:
TMM, TMMH, STMM,
MMT, TW, MTMM, EHT,
ETMM (-SR), ZSTMM
Note:
TCSD Series assemblies are
non-standard, non-returnable.
POLARIZING KEY
Specify PK-01-07 for polarizing key
(Available in wheels of six each).
Also polarizes SMM Series
socket strips.
No. of positions x (2.00) .0787 + (4.00) .157
(5.08)
.200
(4.00)
.158
01
Other sizes
Other platings
ALSO AVAILABLE
MOQ Required
Single End (—S)
Double End (—D)
Double
Row
Connectors
Outer
Most
(End of
assembly)
2"
min.
4" minimum
“XX”
1/8"
Daisy Chain (—D “XX”)
No. of positions x
(2.00) .0787 + (7.874) .3100
Strain Relief (—SR)
Middle Reverse (—M)
Reverse —R)
Outside Reverse (—O)
01
02
Reverse Wiring (—RW)
Assembled Length (—“XX.XX”)
01
02
Position Polarization (—P “XX”)
“XX”
5"max.
2"min.
Breakout starts with Number 1
lead indicated by brown wire or
red stripe. Shown on top side.
Breakout (—B “XX”)
Assembled Length
in INCHES (
±1/8")
1 inch minimum
TIGER EYE™ IDC
SOCKET CABLE
(2.00 mm) .0787" PITCH • TCSD SERIES
samtec.com?TCSD
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
™
TIGER
EYE
F-221


Similar Part No. - TCSD-08-S-01-F-N-R

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TCSD-05-01-N SAMTEC-TCSD-05-01-N Datasheet
258Kb / 3P
2MM DOUBLE ROW FEMALE IDC ASSEMBLY
TCSD-05-D-06.00-01-N SAMTEC-TCSD-05-D-06.00-01-N Datasheet
185Kb / 1P
TIGER EYE??IDC SOCKET CABLE
More results

Similar Description - TCSD-08-S-01-F-N-R

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FFMD-05-01 SAMTEC-FFMD-05-01 Datasheet
192Kb / 1P
TIGER EYE??FLAT IDC WIRE CABLES
TCSD-05-D-06.00-01-N SAMTEC-TCSD-05-D-06.00-01-N Datasheet
185Kb / 1P
TIGER EYE??IDC SOCKET CABLE
TCSD-10-D-12.00-01-N SAMTEC-TCSD-10-D-12.00-01-N Datasheet
185Kb / 1P
TIGER EYE??IDC SOCKET CABLE
TCSD-22-01-N SAMTEC-TCSD-22-01-N Datasheet
185Kb / 1P
TIGER EYE IDC SOCKET CABLE
S2M SAMTEC-S2M Datasheet
528Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
S2SD SAMTEC-S2SD Datasheet
308Kb / 1P
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
ETMM SAMTEC-ETMM Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
FFSD SAMTEC-FFSD Datasheet
275Kb / 1P
TIGER EYE™ FLAT IDC WIRE CABLES (1.27 mm) .050" PITCH
S2M-125-01-L-D-DS SAMTEC-S2M-125-01-L-D-DS Datasheet
482Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
SQW SAMTEC-SQW Datasheet
240Kb / 1P
(2.00 mm) .0787" PITCH
Rev 17AUG21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com