Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC-604 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SC-604
Description  Speech And Music Processor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SC-604 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SC-604 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SC-604
Data sheet
2
P/N 80-0208-B
© 2002 Sensory Inc.
The data memory is internal static RAM. The RAM is configured in 640 17-bit words. All memories are designed
to consume minimum power at a given system clock and algorithm acquisition frequency.
A flexible clock generation system enables the software to control the clock over a wide frequency range. The
implementation uses a phase-locked loop (PLL) circuit that drives the processor clock at a selectable frequency
between the minimum and maximum achievable. Selectable frequencies for the processor clock are spaced
apart in 65.536-kHz steps. The PLL clock-reference is also selectable; either a resistor-trimmed oscillator or a
crystal-referenced oscillator may be used. Internal and external clock sources are controlled separately to
provide different levels of power management.
The periphery consists of two 8-bit-wide general-purpose I/O ports when operating in master mode, or four
general-purpose I/O pins in slave mode. In the master mode, the bidirectional I/O can be configured under
software control as either high-impedance inputs or as totem-pole output. They are controlled via addressable
I/O registers. These features make the input port especially useful as a key-scan interface. Slave mode consists
of four general-purpose I/O, four control pins, and eight bidirectional data pins.
A simple one-bit comparator is also included in the periphery. The comparator is enabled by a control register,
and its access is shared with two pins in one general-purpose I/O port. Rounding out the SC-604 periphery is a
built-in pulse-density-modulated DAC (digital-to-analog converter) with direct speaker-drive capability. The
following block diagram gives an overview of the SC-604functionality.
Functional block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com