Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TW2816 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # TW2816
Description  4-Channel Video Decoders for Security Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2816 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button TW2816 Datasheet HTML 53Page - Renesas Technology Corp TW2816 Datasheet HTML 54Page - Renesas Technology Corp TW2816 Datasheet HTML 55Page - Renesas Technology Corp TW2816 Datasheet HTML 56Page - Renesas Technology Corp TW2816 Datasheet HTML 57Page - Renesas Technology Corp TW2816 Datasheet HTML 58Page - Renesas Technology Corp TW2816 Datasheet HTML 59Page - Renesas Technology Corp TW2816 Datasheet HTML 60Page - Renesas Technology Corp TW2816 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
TW2816
FN7736 Rev. 1.00
Page 57 of 65
May 19, 2017
Index
CIF Mode
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0x71
HSCL_LPF VSCL_ENA VSCL_SYNC
0
0
0
0
0
HSCL_LPF
Enable the horizontal LPF for CIF time-multiplexed format with 54MHz.
0
Full bandwidth (default)
1
3.375MHz bandwidth
VSCL_ENA
Enable the vertical scaler for CIF time-multiplexed format with 54MHz.
0
Full size for vertical direction (default)
1
Half size for vertical direction
VSCL_SYNC
Enable the optional ITU-R BT.656 sync code format.
0
Standard ITU-R BT.656 sync code (default)
1
Skip ITU-R BT.656 sync code for non-valid vertical line
Index
Four Channel CIF Time-multiplxed Format
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0x75
0
0
0
0
CIF_54M4 CIF_54M3 CIF_54M2 CIF_54M1
CIF_54M
Enable four channel CIF time-multiplexed format with 54MHz
CIF_54M1~4 stands for CH1 to CH4.
0
Standard ITU-R BT.656 format (default)
1
Four channel CIF time-multiplexed format with 54MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com