Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL5310ACP-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5310ACP-R2
Description  120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310ACP-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5310ACP-R2 Datasheet HTML 4Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 5Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 6Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 7Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 9Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 10Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 11Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADL5310
Rev. A | Page 8 of 20
–50
–45
–35
–15
–5
5
10
15
–25
–40
–20
–10
0
–30
10k
100k
100
1k
1M
10M
100M
FREQUENCY (Hz)
3nA
30nA
300nA
3
µA
30
µA
300
µA
3mA
Figure 15. Small Signal AC Response, IINP to VOUT (AV = 1)
(5% Sine Modulation, Decade Steps from 3 nA to 3 mA)
–50
–45
–35
–15
–5
5
10
15
–25
–40
–20
–10
0
–30
10k
100k
100
1k
1M
10M
100M
FREQUENCY (Hz)
3nA
30nA
300nA
3
µA
30
µA
300
µA
3mA
Figure 16. Small Signal AC Response, IREF to VOUT (AV = 1)
(5% Sine Modulation, Decade Steps from 3 nA to 3 mA)
0.01
0.1
1
10
100
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
3nA
30nA
300nA
3
µA
30
µA
300
µA
3mA
Figure 17. Spot Noise Spectral Density at VOUT vs. Frequency (AV = 1)
for IINP in Decade Steps from 3 nA to 3 mA
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
120
140
160
180
200
TIME (
µs)
T-RISE < 1
µs T-FALL < 1µs
300
µA TO 3mA
T-RISE < 1
µs T-FALL < 1µs30µA TO 300µA
T-RISE < 1
µs T-FALL < 5µs3µA TO 30µA
T-RISE < 5
µs T-FALL < 10µs
300nA TO 3
µA
T-RISE < 10
µs T-FALL < 40µs
30nA TO 300nA
T-RISE < 30
µs T-FALL < 80µs
3nA TO 30nA
Figure 18. Pulse Response—IINP to VOUT (AV = 1)
in Consecutive 1-Decade Steps
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
120
140
160
180
200
TIME (
µs)
T-RISE < 80
µs T-FALL < 30µs
3nA TO 30nA
T-RISE < 40
µs T-FALL < 10µs
30nA TO 300nA
T-RISE < 10
µs T-FALL < 5µs
300nA TO 3
µA
T-RISE < 1
µs T-FALL < 1µs3µA TO 30µA
T-RISE < 1
µs T-FALL < 1µs30µA TO 300µA
T-RISE < 1
µs T-FALL < 1µs
300
µA TO 3mA
Figure 19. Pulse Response—IREF to VOUT (AV = 1)
in Consecutive 1-Decade Steps
5.0
4.0
3.0
2.0
1.0
0
10n
100n
1
µ
10
µ
100
µ
1m
10m
1n
IINP (A)
Figure 20. Total Wideband Noise Voltage at VOUT vs. IINP (AV = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com