Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2985IM5-3.2/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985IM5-3.2/NOPB
Description  LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985IM5-3.2/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP2985IM5-3.2/NOPB Datasheet HTML 18Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 19Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 20Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 21Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 22Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 23Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 24Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 25Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
8.2 Typical Application
V
IN
GND
ON/OFF
1
2
3
5
4
BYPASS
V
OUT
1 μF
GND
2.2 μF
GND
LP2985-N
**
*
**
***
  *The ON/OFF input must be actively terminated. Tie to VIN if this function is not used. **Minimum capacitance is shown to ensure
stability (can be increased without limit). Ceramic capacitor required for output (see the Input and Output Capacitor Requirements
section). ***Reduces output noise (can be omitted if application is not noise critical). Use ceramic or film type with very low leakage
current (see the Noise Bypass Capacitor (CBYPASS) section).
Figure 8-2. Typical Application Schematic
8.2.1 Design Requirements
Table 8-1 lists the typical design parameters.
Table 8-1. Design Parameters for the New Chip
DESIGN PARAMETERS
VALUE
Input voltage
4.3 V, ±10% provided by the DC/DC converter switching at 1 MHz
Output voltage
3.3 V, ±1%
Output current
0 mA–150 mA (maximum)
RMS noise, 300 Hz to 50 kHz
< 30 µVRMS
PSRR at 100 kHz
> 40 dB
8.2.2 Detailed Design Procedure
8.2.2.1 Capacitor Characteristics
The LP2985-N was designed to work with ceramic capacitors on the output to take advantage of the benefits
these capacitors offer. For capacitance values in the 2.2-µF to 4.7-µF range, ceramics are the least expensive
and also have the lowest ESR values (which makes these components the most efficient at eliminating high-
frequency noise). The ESR of a typical 2.2-µF ceramic capacitor is in the range of 10 mΩ to 20 mΩ, which easily
meets the ESR limits required for stability by the LP2985-N.
One disadvantage of ceramic capacitors is that the capacitance can vary with temperature. Most large-value
ceramic capacitors (≥ 2.2 µF) are manufactured with the Z5U or Y5V temperature characteristic, which results in
the capacitance dropping by more than 50% as the temperature goes from 25°C to 85°C.
This capacitance drop can cause problems if a 2.2-µF capacitor is used on the output because that capacitor
can down to approximately 1 µF at high ambient temperatures (which can cause the LM2985 to oscillate). If Z5U
or Y5V capacitors are used on the output, a minimum capacitance value of 2.2 µF must be observed.
A better choice for temperature coefficient in ceramic capacitors is X7R, which holds the capacitance within
±15%. Unfortunately, the larger values of capacitance are not offered by all manufacturers in the X7R dielectric.
Tantalum capacitors are less desirable than ceramics for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1-µF to 4.7-µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. Which means that although a tantalum capacitor can possibly have an ESR value within the stable
range, the capacitor must be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value.
LP2985-N
SNVS018Z – MARCH 2000 – REVISED MAY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP2985-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com