Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HPZR_SER Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # HPZR_SER
Description  4.1 W high power voltage regulator diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

HPZR_SER Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  HPZR_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved HPZR_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved HPZR_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved HPZR_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved HPZR_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved HPZR_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved HPZR_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved HPZR_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved HPZR_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
HPZR series
4.1 W high power voltage regulator diodes
9. Thermal characteristics
Table 8. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1] -
-
220
K/W
[2] -
-
130
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[3] -
-
70
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[4] -
-
18
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[3] Device mounted on ceramic PCB, Al2O3, standard footprint.
[4] Soldering point of cathode tab.
10. Characteristics
Table 9. Characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 100 mA
[1] -
-
1
V
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02
Table 10. Characteristics per type; HPZR-C5V6 to HPZR-C8V2
Tj = 25 °C unless otherwise specified.
Working voltage
VZ (V)
IZ = 10 mA
Reverse current
IR (μA)
Differential
resistance
RZ (Ω)
IZ = 20 mA
HPZR
-Cxxx
Min
Max
Max
VR (V)
Max
5V6
5.20
6.00
600
3.3
63.60
6V7
6.40
7.00
400
5.0
42.40
7V0
6.67
7.37
400
6.0
4.77
7V6
7.22
7.98
250
6.5
11.60
8V2
7.78
8.60
100
7.0
13.25
HPZR_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 4 — 10 March 2023
4 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com