| Electronic Components Datasheet Search |
|
M39012/80B3003 Datasheet(PDF) 19 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
M39012/80B3003 Datasheet(HTML) 19 Page - ITT Industries |
|
19 / 42 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 120 RF Coaxial Connectors Assembly Instructions AI-472 & BAI-015 SMB & SMS Right Angle Connectors, Crimp Type for Braided Cable 1. Trim cable to dimensions shown taking care not to nick braid or center conductor. Tin center conductor (DO NOT OVER TIN) then slip crimp ferrule (and tubing with SMS) over cable with inspection hole toward trimmed end. 2. Insert trimmed cable into back end of body. The tubular body extension will slide under the braid with the rear portion of extension fitting under the jacket as shown. The center conductor will extend into slot in contact. NOTE: On smaller diameter cables, two longitudinal slits in the jacket, 180 ° apart, may be cut to ease assembly. 3. Slip ferrule up over braid to face of square body and crimp, using ITT Cannon Crimp Tool and suitable die set (see table). 4. Using a small soldering iron solder center conductor to contact. NOTE: The center conductor should not protrude beyond the contact to touch the body. Solder should not protrude beyond the slotted section of the contact. 5. Locate the cap in rear of body and dimple or lightly punch to ensure it is locked in position. (A flat punch is recommended). 6. On SMS slip tubing over the ferrule and heat until the shrinkable tubing fits smoothly around the cable. Only common cable retention features are shown in detail. Various body configurations can apply. CRIMP FERRULE CAP BODY Assembly Instruction No. A B C BAI-015 10,00 (.393) 4,00 (.157) 1,50 (.059) AI-472 11,10 (.437) 4,37 (.172) 0,79 (.031) Cable Type Cable Code Die Size RG142/U 9052 5,41 (.213) RG196/U 3196 2,67 (.105) RG316/U 0000 3,25 (.128) RG316/U 3188/9416 3,25 (.128) RD316 9399 3,84 (.151) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |