Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM1404ARMIQ6F Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM1404ARMIQ6F
Description  Security Supervisor with Battery Switchover
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404ARMIQ6F Datasheet(HTML) 2 Page - STMicroelectronics

  STM1404ARMIQ6F Datasheet HTML 1Page - STMicroelectronics STM1404ARMIQ6F Datasheet HTML 2Page - STMicroelectronics STM1404ARMIQ6F Datasheet HTML 3Page - STMicroelectronics STM1404ARMIQ6F Datasheet HTML 4Page - STMicroelectronics STM1404ARMIQ6F Datasheet HTML 5Page - STMicroelectronics STM1404ARMIQ6F Datasheet HTML 6Page - STMicroelectronics STM1404ARMIQ6F Datasheet HTML 7Page - STMicroelectronics STM1404ARMIQ6F Datasheet HTML 8Page - STMicroelectronics STM1404ARMIQ6F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STM1404
2/9
SUMMARY DESCRIPTION
The STM1404 family of security supervisors are a
low power family of intrusion (tamper) detection
chips targeted at manufacturers of POS terminals
and other systems, to enable them to meet phys-
ical and/or environmental intrusion monitoring
requirements as mandated by various standards,
such as Federal Information Processing Stan-
dards (FIPS) Pub 140 entitled “Security Require-
ments for Cryptographic Modules,” published by
the National Institute of Standards and Technolo-
gy, U.S. Department of Commerce), EMVCo, ISO,
ZKA, and VISA PED.
STM1404 will target the highest security level 4
and include both physical and environmental (volt-
age and temperature) monitoring.
The STM1404 include Automatic Battery Switcho-
ver, RST Output (Open Drain), Manual (Push-but-
ton) Reset Input (MR), Power-fail Comparator
(PFI/PFO),
Physical
and/or
Environmental
Tamper Detect/Security Alarm, and Battery Low
Voltage Detect features.
The STM1404A also offers a VREF (1.237V) as an
option on pin 9. On STM1404B/C this pin is VTPU
(internally switched VCC or VBAT).
VOUT Pin Modes
The STM1404 is available in three versions, corre-
sponding to three modes of the VOUT pin (Supply
Voltage Out), when the SAL (Security Alarm) is as-
serted (active-low) upon tamper detection:
STM1404A. VOUT stays ON (at VCC or VBAT)
when SAL is driven low (activated).
STM1404B. VOUT is set to High-Z when SAL is
driven low (activated).
STM1404C. VOUT is driven to Ground when SAL
is activated (may be used when VOUT is connected
directly to the VCC pin of the external SRAM that
holds the cryptographic codes).
All variants (see Table 1., Device Options) are pin-
compatible and available in a security-friendly, low
profile, 16-pin QFN package.
Figure 2. Logic Diagram
Note: 1. VREF only for STM1404A; VTPU for STM1404B/C.
2. Normal Mode: Low when VOUT is internally switched to
VCC and High when VOUT is internally switched to battery.
3. SAL, RST, PFO, and BLD are Open Drain.
Table 2. Signal Names
Note: See PIN DESCRIPTIONS of the full datasheet for details.
1. Normal Mode: Low when VOUT is internally switched to
VCC and High when VOUT is internally switched to battery.
2. SAL, RST, PFO, and BLD are Open Drain.
3. VREF only for STM1404A; VTPU for STM1404B/C.
AI09682a
VCC
VBAT
STM1404
VSS
VOUT
VREF
or
VTPU
(1)
VCCSW
(2)
MR
SAL(3)
BLD(3)
PFI
TP1 (NH)
TP2
(NL)
TP3
(NH)
TP4
(NL)
PFO(3)
RST(3)
Vccsw(1)
VCC Switch Output
MR
Manual (Push-button) Reset Input
PFI
Power-fail Input
TP1 - TP4
Independent Physical Tamper
Detect Pins 1 through 4
VOUT
Supply Voltage Output
RST(2)
Active-low Reset Output
PFO(2)
Power-fail Output
SAL(2)
Security Alarm Output
BLD(2)
Battery Low Voltage Detect
VREF
(3)
1.237V Reference Voltage
VTPU
(3)
Tamper Pull-up
(VCC or VBAT)
VBAT
Back-up Supply Voltage
VCC
Supply Voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com