Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5320 Datasheet(PDF) 3 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 3 Page - Applied Micro Circuits Corporation

  CS5320 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 160 page
background image
Part Number S5320
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
3
S5320
PCI Match Maker
Data Sheet
FEATURES
•
Full 132 Mbytes/sec Transfer Rate
•
PCI Bus Operation to 33 MHz
•
PCI 2.2 Compliant Target Device
•
3.3V Power Supply
•
5V Tolerant I/Os
•
Add-On Bus up to 40 MHz
•
Programmable Prefetch and Wait States
•
8/16/32-Bit Add-On Bus
•
Four Definable Pass-Thru Regions
•
Two 32-Byte Burstable FIFOs
•
Active/Passive Add-On Bus Operation
•
Mailbox Registers/w Byte Level Status
•
Direct Mailbox Data Strobe/Int Pin
•
Mailbox Read/Write Interrupts
•
Direct PCI and Add-On Interrupt Pins
•
Plug-N-Play Compatible
•
Two-wire Serial Bus nvRAM Support
•
Optional External BIOS capability
•
176-Pin Low Profile LQFP
•
Environmental Friendly Lead-free Package
Option
APPLICATIONS
•
ISA Conversions
•
Multimedia
•
I/O Ports
•
Data Storage
•CODEC5
•
General Purpose PCI Bus Interfacing
ARCHITECTURAL OVERVIEW
The AMCC S5320 was developed to provide the
designer with a single multi-function device offering a
flexible and easy way to connect to the PCI bus. By
using the S5320, the designer eliminates the task of
assuring PCI bus specification compliance and the
necessity of understanding PCI bus timing require-
ments when interfacing a new application. The S5320
was designed for 3.3V environment but its inputs/out-
puts are tolerant to 5V signaling.
The complex 33 MHz PCI bus signals are converted
through the S5320 into an easy-to-use 8/16/32-bit
user bus referred to as the user Add-On bus. The Add-
On bus allows user add-on designs bus clock speed
independent operation to 40 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com