Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSDF52830YS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSDF52830YS
Description  Dual - MOSMIC- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF52830YS Datasheet(HTML) 1 Page - Vishay Siliconix

  TSDF52830YS Datasheet HTML 1Page - Vishay Siliconix TSDF52830YS Datasheet HTML 2Page - Vishay Siliconix TSDF52830YS Datasheet HTML 3Page - Vishay Siliconix TSDF52830YS Datasheet HTML 4Page - Vishay Siliconix TSDF52830YS Datasheet HTML 5Page - Vishay Siliconix TSDF52830YS Datasheet HTML 6Page - Vishay Siliconix TSDF52830YS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VISHAY
TSDF52830YS
Document Number 85178
Rev. 1.1, 26-Aug-04
Vishay Semiconductors
www.vishay.com
1
VY
CW
WN5
4
5
6
3
2
1
19024
Electrostatic sensitive device.
Observe precautions for handling
Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage
with Integrated Band Switch for One-Line Switching
Comments
MOSMIC - MOS Monolithic Integrated Circuit
Description
The Dual-MOSMIC® TSDF52830YS, assembled in
the well-known SOT-363 plastic package, is a combi-
nation of two different MOSMIC® amplifiers with com-
mon Source and common Gate 2 leads and an
integrated switch. One of the MOSMIC stages is opti-
mized for use in VHF applications, especially regard-
ing cross modulation performance and noise figure at
lower VHF frequencies, whereas the other stage is
optimized for use in UHF applications regarding gain
and noise figure performance at higher frequencies of
UHF range. The integrated switch is operated by the
Gate 1 bias of the UHF amplifier on Pin 1. All of the
Gates are protected against excessive input voltage
surges by integrated antiserial diodes between them-
selves and Source.
Features
• Two differently optimized amplifiers in a single
package. One of them has a fully internal self-bias-
ing network on chip and the other has a partly inte-
grated bias for easy Gate 1 switch-off with PNP
switching transistors inside PLL -IC
• Internal switch for saving lines on PCB layout as
well as external components
• Integrated gate protection diodes
• Low noise figure, high gain
• Typical forward transadmittance of 31 mS
resp. 28 mS
• Superior cross modulation at gain reduction
• High AGC-range with soft slope
• Main AGC control range from 3 V to 0.5 V
Applications
Low noise gain controlled VHF and UHF input stages
with 5 V supply voltage, such as in digital and analog
TV tuners and in other multimedia and communica-
tions equipment.
Typical Application
Mechanical Data
Case: SOT-363 Plastic case
Weight: approx. 6.0 mg
V - Vishay
Y - Year, is variable for digit from 0 to 9
(e.g. 3 = 2003, 4 = 2004)
CW - Calendar Week, is variable for
number from 01 to 52
Number of Calendar Week is always indicating
place of pin 1
Pinning:
1 = Gate 1 (UHF amplifier), 2 = Source (common)
3 = Drain (UHF amplifier), 4 = Drain (VHF amplifier),
5 = Gate 2 (common), 6 = Gate1 (VHF amplifier)
AMP2
AMP1
G1
G1
6
1
AGC
VGG
= 5 V: UHF AMP is on; VHF AMP is off
VGG
VGG = 0 V: UHF AMP is off; VHF AMP is on
VHF
in
UHF
in
C
C
D
4
G2 (common)
5
S (common)
C
RFC
VHF
+5 V
D
3
C
RFC
19025
+5 V
C
2
RG1
out
UHF
out
(0 = shorted to Ground or open)


Similar Part No. - TSDF52830YS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF52830YS VISHAY-TSDF52830YS Datasheet
164Kb / 8P
Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
05-Sep-08
TSDF52830YS VISHAY-TSDF52830YS_08 Datasheet
164Kb / 8P
Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
05-Sep-08
More results

Similar Description - TSDF52830YS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF52424 VISHAY-TSDF52424 Datasheet
62Kb / 5P
Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
05-Mar-99
TSDF53030 VISHAY-TSDF53030 Datasheet
62Kb / 5P
Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
05-May-99
TSDF54040 VISHAY-TSDF54040 Datasheet
62Kb / 5P
Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
16-Mar-99
TSDF04040XR VISHAY-TSDF04040XR Datasheet
60Kb / 4P
Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
12-Nov-01
TSDF02830YR VISHAY-TSDF02830YR Datasheet
133Kb / 6P
Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
25-Oct-02
TSDF03030XR VISHAY-TSDF03030XR Datasheet
60Kb / 4P
Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
12-Nov-01
TSDF12830YS VISHAY-TSDF12830YS Datasheet
125Kb / 7P
Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
25-Aug-04
TSDF72830YS VISHAY-TSDF72830YS Datasheet
253Kb / 7P
Dual - MOSMIC- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
02-May-05
TSDF54040X VISHAY-TSDF54040X Datasheet
51Kb / 4P
Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
12-Nov-01
TSDF52830YS VISHAY-TSDF52830YS_08 Datasheet
164Kb / 8P
Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com