Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC-C1440-FREQ Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # SC-C1440-FREQ
Description  LVCMOS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SC-C1440-FREQ Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  SC-C1440-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SC-C1440-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LVCMOS
SC-C1440 Series Rev G
Frequency Range: 70.0 MHz to 165.0 MHz
Test Load
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
—
—
70.0 MHz
—
165.0 MHz
Duty Cycle
—
@VDD/2
45/55%
—
55/45%
Logic 0
VOL
@600 µA
—
—
0.2 V
Logic 1
VOH
@600 µA
VDD -0.2 V
—
—
Rise & Fall Time
tr, tf
10-90% VO
—
—
3.5 ns
Jitter, RMS
(2)
—
Overtone
—
—
3 psec
Tpz
—
—
—
—
100 ns
Enable Voltage
—
—
1.3 V
—
—
Disable Voltage
—
—
—
—
0.5 V
Frequency Stability
(1)
dF/F
Overall conditions including:
-100 ppm
—
+100 ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
(3)
VDD
—
1.71 V
1.8 V
1.89 V
Supply Current
IDD
No Load
0.0 mA
25 mA
40 mA
Output Current
IO
Low Level Output Current
0.0 mA
—
±25.0 mA
Operating Temperature
TA
—0ºC—
70ºC
Storage Temperature
TS
—
-55ºC
—
125ºC
Power Dissipation
PD
—
—
—
76 mW
Lead Temperature
TL
Soldering, 10 sec.
—
—
300ºC
Load
—
—
—
—
15 pf
Start-up Time
t S
——
—
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55 Hz to 2000 Hz
Soldering Condition
300ºC for 10 seconds
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20, ±25, ±50 ppm & others available).
2) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization.
RMS jitter bandwidth of 12kHz to 20MHz.
3) Internal high frequency power source decoupling.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com