Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC-B144B-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SC-B144B-FREQ
Description  LVCMOS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SC-B144B-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SC-B144B-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SC-B144B-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The SC-C1440 Series of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals
for bus connected systems. Supplying Pin 1 of the SC-C1440 units with a logic “1” or open enables its Pin 3
output. In the disable mode, Pin 3 presents a high impedance to the load.
Features
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• Low jitter - Wavecrest jitter characterization avail-
able
• Wide frequency range—70.0 MHz to 165.0 MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• 1.8 Volt operation
• High shock resistance, to 1000g
• High Q crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Metal lid electrically connected to ground to
reduce EMI
• Gold plated pads
• RoHS Compliant, Lead Free Construction
SC-C1440
Series
Size, mm
5 x 7
I/O
4 pad
Supply Voltage
3.3V / 2.5V / 1.8V / 5V
LVCMOS
SC-C1440 Series Rev G
Frequency Range: 70.0 MHz to 165.0 MHz
Creating a Part Number
SC - C144X - FREQ
Package Code
SC 4 pad 5x7 mm SMD
Input Voltage
Code
Specification
A
3.3 V
B
2.5 V
C
1.8 V
5 V
Tolerance/Performance
0 ±100 ppm 0-70°C
1 ±50 ppm 0-70°C
7 ±25 ppm 0-70°C
9 Customer Specific
A ±20 ppm 0-70°C
B ±50 ppm -40 to +85°C
C ±100 ppm -40 to +85°C
Drawing Specifications
Dimensions shown in inches and millimeters.
All tolerances are ±0.005 inches (±0.127mm) unless otherwise specified.
Electrical Connection
Pin
Connection
1
Enable/Disable
2
Ground
3
Output
4
VDD
For the most up to date speci-
fications on each NEL prod-
uct, log on to our website—
www.nelfc.com
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone: 262-763-3591
Fax: 262-763-2881 Email: nelsales@nelfc.com www.nelfc.com


Similar Part No. - SC-B144B-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SC-B144B-FREQ NEL-SC-B144B-FREQ Datasheet
172Kb / 2P
LVCMOS
More results

Similar Description - SC-B144B-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SC-B1440 NEL-SC-B1440 Datasheet
172Kb / 2P
LVCMOS
SC-C1420 NEL-SC-C1420 Datasheet
44Kb / 2P
LVCMOS
logo
Integrated Device Techn...
ICS8440258-46 IDT-ICS8440258-46 Datasheet
700Kb / 16P
FEMTOCLOCK??CRYSTAL/LVCMOS-TOLVDS/LVCMOS FREQUENCY SYNTHESIZER
ICS843001I-23 IDT-ICS843001I-23 Datasheet
1Mb / 24P
FemtoClock짰 Crystal/LVCMOS-to-LVPECL/ LVCMOS Frequency Synthesizer
logo
Connor-Winfield Corpora...
DOT050F-DOT050V CONNOR-WINFIELD-DOT050F-DOT050V Datasheet
464Kb / 4P
LVCMOS Output Logic
TL602-TVL602 CONNOR-WINFIELD-TL602-TVL602 Datasheet
392Kb / 3P
LVCMOS Output
logo
Abracon Corporation
AST3TQ ABRACON-AST3TQ Datasheet
2Mb / 5P
Standard LVCMOS Output
01.05.2017
logo
Integrated Device Techn...
ICS8316 IDT-ICS8316 Datasheet
232Kb / 10P
LVCMOS/LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
logo
Renesas Technology Corp
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440259D-45 RENESAS-ICS8440259D-45 Datasheet
461Kb / 19P
FEMTOCLOCK™ CRYSTAL/LVCMOS-TOLVDS LVCMOS FREQUENCY SYNTHESIZER
FEBRUARY 26, 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com