Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XO5163CV5-R Datasheet(PDF) 1 Page - MTRONPTI

Part # XO5163CV5-R
Description  14 pin DIP, 12.0 Volt, Sinewave, OCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

XO5163CV5-R Datasheet(HTML) 1 Page - MTRONPTI

  XO5163CV5-R Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revison: 7-25-06
XO5163 Series
14 pin DIP, 12.0 Volt, Sinewave, OCXO
Pin Connections
Standard DIP/DIL package (20.3 x 13.2 x 7.6 mm) offering
tight stabilities, fast warm-up, and low current
Ideal for PCS base stations, cellular base stations, phase
locking, and SAR/SAT applications


Similar Part No. - XO5163CV5-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5160 MTRONPTI-XO5160 Datasheet
57Kb / 1P
Standard DIP/DIL Package
XO5160 MTRONPTI-XO5160 Datasheet
220Kb / 1P
14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
XO5160 MTRONPTI-XO5160 Datasheet
262Kb / 2P
14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
XO5160AR1 MTRONPTI-XO5160AR1 Datasheet
262Kb / 2P
14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
XO5160AR1-R MTRONPTI-XO5160AR1-R Datasheet
262Kb / 2P
14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
More results

Similar Description - XO5163CV5-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5019 MTRONPTI-XO5019 Datasheet
210Kb / 1P
2x2 inch, 12.0 Volt, CMOS/Sinewave, OCXO
XO5030 MTRONPTI-XO5030 Datasheet
217Kb / 1P
1.5x1.5 inch, 12.0 Volt, HCMOS/Sinewave, OCXO
XO5051 MTRONPTI-XO5051 Datasheet
207Kb / 1P
2x2 inch, 12.0 & 15.0 Volt, Sinewave, OCXO
XO5161 MTRONPTI-XO5161 Datasheet
221Kb / 1P
14 pin DIP, 12.0 Volt, HCMOS/TTL, OCXO
XO5162 MTRONPTI-XO5162 Datasheet
216Kb / 1P
14 pin DIP, 5.0 Volt, Sinewave, OCXO
XO5164 MTRONPTI-XO5164 Datasheet
245Kb / 1P
14 pin DIP, 3.3 Volt, HCMOS, OCXO
K1601 MTRONPTI-K1601 Datasheet
324Kb / 2P
14 pin DIP, 5.0 Volt, Sinewave, TCXO
K1601 MTRONPTI-K1601_07 Datasheet
390Kb / 3P
14 pin DIP, 5.0 Volt, Sinewave, TCXO
K1613 MTRONPTI-K1613_06 Datasheet
291Kb / 2P
14 pin DIP, 3.3 Volt, Sinewave, TCXO
logo
Connor-Winfield Corpora...
OFA5AB1BA CONNOR-WINFIELD-OFA5AB1BA Datasheet
153Kb / 2P
14 PIN DIP 5.0V SINEWAVE OCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com