Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16255PCBZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16255PCBZ
Description  Programmable Low Power Gyroscope with Temperature Compensation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16255PCBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16255PCBZ Datasheet HTML 9Page - Analog Devices ADIS16255PCBZ Datasheet HTML 10Page - Analog Devices ADIS16255PCBZ Datasheet HTML 11Page - Analog Devices ADIS16255PCBZ Datasheet HTML 12Page - Analog Devices ADIS16255PCBZ Datasheet HTML 13Page - Analog Devices ADIS16255PCBZ Datasheet HTML 14Page - Analog Devices ADIS16255PCBZ Datasheet HTML 15Page - Analog Devices ADIS16255PCBZ Datasheet HTML 16Page - Analog Devices ADIS16255PCBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary Technical Data
ADIS16255
Rev. PrA | Page 13 of 20
PROGRAMMING AND CONTROL
CONTROL REGISTER OVERVIEW
The ADIS16255 offers many programmable features that are
controlled by writing commands to the appropriate control
registers using the SPI. The following sections describe these
controls and specify each function and corresponding register
configuration. A list of features available for configuration in
this register space follows:
•
Calibration
•
Global commands
•
Operational Control
•
Sample rate
•
Power management
•
Digital filtering
•
Dynamic range
•
DAC output
•
Digital I/O
•
Operational Status and Diagnostics
•
Self test
•
Status conditions
•
Alarms
CONTROL REGISTER ACCESS
Table 8 displays the control register map for the ADIS16255,
including address, volatile status, basic function, and
accessibility (read/write). The following sections contain
detailed descriptions and configurations for each of these
registers.
The ADIS16255 is a flash-based device with the nonvolatile
functional registers implemented as flash registers. Take into
account the endurance limitation of 20,000 writes when
considering the system-level integration of these devices. The
ENDURANCE register (see Table 30) maintains a flash memory
write count, which provides a tool for keeping track of this
limit. The nonvolatile column in Table 8 indicates the registers
that are recovered on power-up. The user must use a manual flash
update command (using the command register) to store the
nonvolatile data registers once they are configured properly.
When performing a manual flash update command, the user
needs to ensure that the power supply remains within limits for
a minimum of 50 ms after the start of the update. This ensures
a successful write of the nonvolatile data.
Table 8. Control Register Mapping
Register Name
Type
Volatility
Address
Bytes
Function
Reference Table
0x10
4
Reserved
GYRO_OFF
R/W
Nonvolatile
0x14
2
Gyroscope bias offset factor
Table 9, Table 10
GYRO_SCALE
R/W
Nonvolatile
0x16
2
Gyroscope scale factor
Table 11, Table 12
0x18 to to 0x1F
8
Reserved
ALM_MAG1
R/W
Nonvolatile
0x20
2
Alarm 1 amplitude threshold
Table 31, Table 32
ALM_MAG2
R/W
Nonvolatile
0x22
2
Alarm 2 amplitude threshold
Table 35, Table 36
ALM_SMPL1
R/W
Nonvolatile
0x24
2
Alarm 1 sample period
Table 33, Table 34
ALM_SMPL2
R/W
Nonvolatile
0x26
2
Alarm 2 sample period
Table 25, Table 26
ALM_CTRL
R/W
Nonvolatile
0x28
2
Alarm source control register
Table 37, Table 38
0x2A to 0x2F
6
Reserved
AUX_DAC
R/W
Volatile
0x30
2
Auxiliary DAC data
Table 21, Table 22
GPIO_CTRL
R/W
Volatile
0x32
2
Auxiliary digital I/O control register
Table 23, Table 24
MSC_CTRL
R/W
Nonvolatile1
0x34
2
Miscellaneous control register
Table 26, Table 27
SMPL_PRD
R/W
Nonvolatile
0x36
2
ADC sample period control
Table 15, Table 16
SENS/AVG
R/W
Nonvolatile
0x38
2
Defines the dynamic range (sensitivity setting)
and the number of taps for the digital filter
Table 19, Table 20
SLP_CNT
R/W
Volatile
0x3A
2
Counter used to determine length of power-
down mode
Table 17, Table 18
STATUS
R
Volatile
0x3C
2
System status register
Table 28, Table 29
COMMAND
W
N/A
0x3E
2
System command register
Table 13, Table 14
1 The contents of the upper byte are non-volatile and the contents of the lower byte are volatile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com