Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BUK953R2-40B Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BUK953R2-40B
Description  N-channel TrenchMOS logic level FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BUK953R2-40B Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BUK953R2-40B Datasheet HTML 1Page - Nexperia B.V. All rights reserved BUK953R2-40B Datasheet HTML 2Page - Nexperia B.V. All rights reserved BUK953R2-40B Datasheet HTML 3Page - Nexperia B.V. All rights reserved BUK953R2-40B Datasheet HTML 4Page - Nexperia B.V. All rights reserved BUK953R2-40B Datasheet HTML 5Page - Nexperia B.V. All rights reserved BUK953R2-40B Datasheet HTML 6Page - Nexperia B.V. All rights reserved BUK953R2-40B Datasheet HTML 7Page - Nexperia B.V. All rights reserved BUK953R2-40B Datasheet HTML 8Page - Nexperia B.V. All rights reserved BUK953R2-40B Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BUK953R2-40B
N-channel TrenchMOS logic level FET
17 April 2014
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using TrenchMOS technology. This product has been designed and qualified to
the appropriate AEC standard for use in automotive critical applications.
2. Features and benefits
• AEC Q101 compliant
• Low conduction losses due to low on-state resistance
• Suitable for logic level gate drive sources
• Suitable for thermally demanding environments due to 175 °C rating
3. Applications
• 12 V loads
• Automotive systems
• General purpose power switching
• Motors, lamps and solenoids
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
40
V
ID
drain current
VGS = 5 V; Tmb = 25 °C; Fig. 2; Fig. 3
[1]
-
-
100
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 1
-
-
300
W
Static characteristics
VGS = 10 V; ID = 25 A; Tj = 25 °C
-
2.4
2.8
mΩ
RDSon
drain-source on-state
resistance
VGS = 5 V; ID = 25 A; Tj = 25 °C;
Fig. 11; Fig. 12
-
2.7
3.2
mΩ
Dynamic characteristics
QGD
gate-drain charge
VGS = 5 V; ID = 25 A; VDS = 32 V;
Tj = 25 °C; Fig. 13
-
37
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com