Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56321RM Datasheet(PDF) 50 Page - NXP Semiconductors

Part # DSP56321RM
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button DSP56321RM Datasheet HTML 46Page - NXP Semiconductors DSP56321RM Datasheet HTML 47Page - NXP Semiconductors DSP56321RM Datasheet HTML 48Page - NXP Semiconductors DSP56321RM Datasheet HTML 49Page - NXP Semiconductors DSP56321RM Datasheet HTML 50Page - NXP Semiconductors DSP56321RM Datasheet HTML 51Page - NXP Semiconductors DSP56321RM Datasheet HTML 52Page - NXP Semiconductors DSP56321RM Datasheet HTML 53Page - NXP Semiconductors DSP56321RM Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
DSP56321 Technical Data, Rev. 11
2-30
Freescale Semiconductor
Specifications
2.4.12 OnCE Module TimIng
Table 2-15.
OnCE Module Timing
No.
Characteristics
Expression
All Frequencies
Unit
Min
Max
500
TCK frequency of operation (1/(T
C ×
3); maximum 22 MHz)
Max 22.0 MHz
0.0
22.0
MHz
514
DE assertion time in order to enter Debug mode
1.5
× TC + 10.0
20.0
—
ns
515
Response time when DSP56321 is executing NOP instructions from
internal memory
5.5
× TC + 30.0
—
67.0
ns
516
Debug acknowledge assertion time
3
× TC + 5.0
25.0
—
ns
Note:
VCCQH = 3.3 V ± 0.3 V, VCCQL = 1.6 V ± 0.1 V; TJ = –40°C to +100 °C, CL = 50 pF
Figure 2-32.
OnCE—Debug Request
DE
516
515
514



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com