Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM1063ASUZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1063ASUZ
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ASUZ Datasheet(HTML) 3 Page - Analog Devices

  ADM1063ASUZ Datasheet HTML 1Page - Analog Devices ADM1063ASUZ Datasheet HTML 2Page - Analog Devices ADM1063ASUZ Datasheet HTML 3Page - Analog Devices ADM1063ASUZ Datasheet HTML 4Page - Analog Devices ADM1063ASUZ Datasheet HTML 5Page - Analog Devices ADM1063ASUZ Datasheet HTML 6Page - Analog Devices ADM1063ASUZ Datasheet HTML 7Page - Analog Devices ADM1063ASUZ Datasheet HTML 8Page - Analog Devices ADM1063ASUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADM1063
Rev. 0 | Page 3 of 36
GENERAL DESCRIPTION
(continued from Page 1)
Supply margining can be performed with a minimum of
external components. The margining loop can be used for
in-circuit testing of a board during production (for example, to
verify the board’s functionality at −5% of nominal supplies),
or it can be used dynamically to accurately control the output
voltage of a dc-to-dc converter.
The device also provides up to 10 programmable inputs for
monitoring under, over, or out-of-window faults on up to 10
supplies. In addition, 10 programmable outputs can be used as
logic enables. Six of these programmable outputs can provide
up to a 12 V output for driving the gate of an N-channel FET,
which can be placed in the path of a supply.
Temperature measurement is possible with the ADM1063. The
device contains one internal temperature sensor and two pairs
of differential inputs for remote thermal diodes. These are
measured by the 12-bit ADC.
The logical core of the device is a sequencing engine. This state-
machine-based construction provides up to 63 different states.
This design enables very flexible sequencing of the outputs,
based on the condition of the inputs.
The device is controlled via configuration data that can be
programmed into an EEPROM. The entire configuration can
be programmed using an intuitive GUI-based software package
provided by ADI.
GPI SIGNAL
CONDITIONING
SFD
GPI SIGNAL
CONDITIONING
SFD
SFD
SFD
SELECTABLE
ATTENUATOR
SELECTABLE
ATTENUATOR
DEVICE
CONTROLLER
OSC
EEPROM
SDA SCL
A1
A0
SMBus
INTERFACE
REFOUT
REFIN
REFGND
VREF
12-BIT
SAR ADC
ADM1063
CONFIGURABLE
O/P DRIVER
(HV)
PDO1
PDO2
PDOGND
PDO3
VCCP
GND
PDO4
PDO5
PDO8
PDO9
CONFIGURABLE
O/P DRIVER
(HV)
PDO6
CONFIGURABLE
O/P DRIVER
(LV)
PDO7
CONFIGURABLE
O/P DRIVER
(LV)
PDO10
SEQUENCING
ENGINE
VX2
VX3
VX4
VP2
VP3
VP4
VH
VP1
VX1
AGND
VX5
VDDCAP
VDD
ARBITRATOR
REG 5.25V
CHARGE PUMP
D2N
D1N D2P
D1P
TEMP
SENSOR
INTERNAL
DIODE
Figure 2. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com