Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF7021 Datasheet(PDF) 35 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 31Page - Analog Devices ADF7021 Datasheet HTML 32Page - Analog Devices ADF7021 Datasheet HTML 33Page - Analog Devices ADF7021 Datasheet HTML 34Page - Analog Devices ADF7021 Datasheet HTML 35Page - Analog Devices ADF7021 Datasheet HTML 36Page - Analog Devices ADF7021 Datasheet HTML 37Page - Analog Devices ADF7021 Datasheet HTML 38Page - Analog Devices ADF7021 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 35 of 44
REGISTER 7—READBACK SETUP REGISTER
AD1
AD2
RB1
RB2
RB3
DB8
DB7
DB6
DB5
DB4
DB3
DB2
C2 (1) C1 (1)
CONTROL
BITS
DB1
DB0
C3 (1)
C4 (0)
READBACK
SELECT
ADC
MODE
AD2
0
0
1
1
AD1
0
1
0
1
ADC MODE
MEASURE RSSI
BATTERY VOLTAGE
TEMP SENSOR
TO EXTERNAL PIN
RB2
0
0
1
1
RB1
0
1
0
1
READBACK MODE
AFC WORD
ADC OUTPUT
FILTER CAL
SILICON REV
RB3
0
1
READBACK
DISABLED
ENABLED
Figure 39.
Register 7—Readback Setup Register Comments
•
Readback of the measured RSSI value is valid only in Rx mode. To enable readback of the battery voltage, the temperature sensor, or
the voltage at the external pin in Rx mode, users need to disable AGC function in Register 9. To read back these parameters in Tx
mode, first power up the ADC using Register 8, as this is off by default in Tx mode to save power. This is the recommended method
of using the battery readback function, as most configurations typically require AGC.
•
AFC readback:
FREQ_RB [Hz] = (AFC_READBACK × DEMOD_CLK)/218
•
VBATTERY = Battery_Voltage_Readback/21.1
•
VADCIN = ADCIN_Voltage_Readback/42.1
•
See the Readback Format section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com