Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9FGL0251CKILF Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 9FGL0251CKILF
Description  3.3V PCIe Gen1–5 Clock Generator Family
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL0251CKILF Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 9FGL0251CKILF Datasheet HTML 20Page - Renesas Technology Corp 9FGL0251CKILF Datasheet HTML 21Page - Renesas Technology Corp 9FGL0251CKILF Datasheet HTML 22Page - Renesas Technology Corp 9FGL0251CKILF Datasheet HTML 23Page - Renesas Technology Corp 9FGL0251CKILF Datasheet HTML 24Page - Renesas Technology Corp 9FGL0251CKILF Datasheet HTML 25Page - Renesas Technology Corp 9FGL0251CKILF Datasheet HTML 26Page - Renesas Technology Corp 9FGL0251CKILF Datasheet HTML 27Page - Renesas Technology Corp 9FGL0251CKILF Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
24
©2019-2022 Renesas Electronics Corporation
December 1, 2022
9FGL02x1/04x1/06x1/08x1 Datasheet
Table 28. Byte 10: PLL MN Enable, PD_Restore Register
Byte 10
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
M/N Programming
Enable
Restore Default
Config. In PD
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Type
RW
RW
0
M/N Prog. Disabled Clear Config in PD
1
M/N Prog. Enabled Keep Config in PD
Name
PLL M/N En
Power-Down (PD)
Restore
Default
0
1
x
x
x
x
x
x
Table 29. Byte 11: Stop State Control Register
Byte 11
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
True/Complement DIF Output
Disable State
Type
RW
RW
0
00 = Low/Low
01 = HiZ/HiZ
1
10 = High/Low 11 = Low/High
Name
STP[1]
STP[0]
Default
x
x
x
x
x
x
0
0
Table 30. Byte 12: Impedance Control Register 1
Byte 12
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Output impedance
control [1:0]
Output impedance
control [1:0]
Output impedance
control [1:0]
Output impedance
control [1:0]
Type
RW
RW
RW
RW
RW
RW
RW
RW
0
00 = 33ohm DIF Zout, 01 = 85ohm DIF Zout
10 = 100ohm DIF Zout, 11 = Reserved
1
9FGL08
Name
DIF3_imp[1]
DIF3_imp[0]
DIF2_imp[1]
DIF2_imp[0]
DIF1_imp[1]
DIF1_imp[0]
DIF0_imp[1]
DIF0_imp[0]
9FGL08
Default
9FGL0841 defaults to 0b10101010
9FGL0851 defaults to 0b01010101
9FGL06
Name
DIF2_imp[1]
DIF2_imp[0]
DIF1_imp[1]
DIF1_imp[0]
Reserved
Reserved
DIF0_imp[1]
DIF0_imp[0]
9FGL06
Default
9FGL0641 defaults to 0b1010xx10
9FGL0651 defaults to 0b0101xx01
9FGL04
Name
DIF1_imp[1]
DIF1_imp[0]
Reserved
Reserved
DIF0_imp[1]
DIF0_imp[0]
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com