Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9FGL0641CKILF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9FGL0641CKILF
Description  3.3V PCIe Gen1–5 Clock Generator Family
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL0641CKILF Datasheet(HTML) 1 Page - Renesas Technology Corp

  9FGL0641CKILF Datasheet HTML 1Page - Renesas Technology Corp 9FGL0641CKILF Datasheet HTML 2Page - Renesas Technology Corp 9FGL0641CKILF Datasheet HTML 3Page - Renesas Technology Corp 9FGL0641CKILF Datasheet HTML 4Page - Renesas Technology Corp 9FGL0641CKILF Datasheet HTML 5Page - Renesas Technology Corp 9FGL0641CKILF Datasheet HTML 6Page - Renesas Technology Corp 9FGL0641CKILF Datasheet HTML 7Page - Renesas Technology Corp 9FGL0641CKILF Datasheet HTML 8Page - Renesas Technology Corp 9FGL0641CKILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
©2019-2022 Renesas Electronics Corporation
December 1, 2022
Description
The 9FGL02x1/04x1/06x1/08x1 devices comprise a family of 3.3V
PCIe Gen1–5 clock generators. There are 2, 4, 6 and 8 outputs
versions available and each differential output has a dedicated
OE# pin supporting PCIe CLKREQ# functionality.
PCIe Clocking Architectures
▪ Common Clocked (CC)
▪ Independent Reference (IR) with and without spread spectrum
(SRIS, SRNS)
Typical Applications
▪ Servers/High-Performance Computing
▪ nVME Storage
▪ Networking
▪ Accelerators
▪ Industrial Control
Output Features
▪ 2, 4, 6, or 8 100MHz PCIe output pairs
▪ One 3.3V LVCMOS REF output with Wake-On-LAN (WOL)
support
▪ See AN-891 for easy AC-coupling to other logic families
Key Specifications
▪ 90fs RMS typical jitter (PCIe Gen5 CC)
▪ < 50ps cycle-to-cycle jitter on differential outputs
▪ < 50ps output-to-output skew on differential outputs
▪ ±0ppm synthesis error on differential outputs
Features
▪ Integrated terminations for 100Ω and 85Ω systems save 4
resistors per output
▪ 112–206 mW typical power consumption (at 3.3V)
▪ VDDIO rail allows 35% power savings at optional 1.05V
(9FGL06 and 9FGL08 only)
▪ Devices contain default configuration; SMBus not required
▪ SMBus-selectable features allows optimization to customer
requirements:
• Input polarity and pull-up/pull-downs
• Output slew rate and amplitude
• Output impedance (33Ω, 85Ω or 100Ω) for each output
▪ Contact factory for customized default configurations
▪ 25MHz input frequency
▪ OE# pins support PCIe CLKREQ# function
▪ Pin-selectable SRnS 0%, CC 0% and CC/SRIS -0.5% spread
▪ SMBus-selectable CC/SRIS -0.25% spread
▪ Clean switching between the CC/SRIS spread settings
▪ DIF outputs blocked until PLL is locked; clean system start-up
▪ Two selectable SMBus addresses
▪ Space saving packages:
• 4 × 4 mm 24-VFQFPN (9FGL02x1)
• 5 × 5 mm 32-VFQFPN (9FGL04x1)
• 5 × 5 mm 40-VFQFPN (9FGL06x1)
• 6 × 6 mm 48-VFQFPN (9FGL08x1)
Block Diagram
n+1
XIN/CLKIN_25
X2
vOE(n:0)#
REF3.3
vSADR
^vSS_EN_tri
^CKPWRGD_PD#
SDATA_3.3
SCLK_3.3
Control
Logic
SSC
Capable
PLL
DIF0
DIF0#
GND
EPAD
VDDA
VDDREF
VDDXTAL VDDDIG
VDDO/
VDDIO
GNDXTAL
GNDREF
GNDDIG
DIFn
DIFn#
2 to 8
outputs
9FGL02x1/04x1/06x1/08x1
Datasheet
3.3V PCIe Gen1–5 Clock
Generator Family


Similar Part No. - 9FGL0641CKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGL0641BKILF IDT-9FGL0641BKILF Datasheet
326Kb / 19P
6-output 3.3V PCIe Clock Generator
9FGL0641BKILFT IDT-9FGL0641BKILFT Datasheet
326Kb / 19P
6-output 3.3V PCIe Clock Generator
logo
Renesas Technology Corp
9FGL0641DKILF RENESAS-9FGL0641DKILF Datasheet
1Mb / 37P
3.3V PCIe Gen1-6 Clock Generator Family
Dec 13, 2024
9FGL0641DKILF RENESAS-9FGL0641DKILF Datasheet
1Mb / 38P
9FGL02x1/04x1/06x1/08x1D 3.3V PCIe Gen1–7 Clock Generator Family
Rev.1.08 Jun 5, 2026
9FGL0641DKILFT RENESAS-9FGL0641DKILFT Datasheet
1Mb / 37P
3.3V PCIe Gen1-6 Clock Generator Family
Dec 13, 2024
More results

Similar Description - 9FGL0641CKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGL02 IDT-9FGL02_16 Datasheet
370Kb / 19P
2-output 3.3V PCIe Clock Generator
9FGL04 IDT-9FGL04_16 Datasheet
313Kb / 18P
4-output 3.3V PCIe Clock Generator
9FGL06 IDT-9FGL06_16 Datasheet
326Kb / 19P
6-output 3.3V PCIe Clock Generator
9FGL08 IDT-9FGL08_16 Datasheet
402Kb / 19P
8-output 3.3V PCIe Clock Generator
9FGU0641 IDT-9FGU0641_16 Datasheet
211Kb / 15P
6 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0841 IDT-9FGU0841_16 Datasheet
207Kb / 16P
8-output 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9DML2855 RENESAS-9DML2855 Datasheet
527Kb / 19P
2:8 PCIe Gen1–5 Clock Multiplexer
March 16, 2020
9DMV0131B RENESAS-9DMV0131B Datasheet
535Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
May 25, 2021
9SQL4952 RENESAS-9SQL4952 Datasheet
424Kb / 30P
3.3V PCIe® Gen1–5 and UPI Clock Generator Family
February 19, 2020
logo
Skyworks Solutions Inc.
SI52254 SKYWORKS-SI52254 Datasheet
485Kb / 31P
4/8-Output PCIe Gen1/2/3/4/5 Clock Generator
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com